Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR05K201S-F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NVR05K201S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR05K201S-F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NVR05K201S-F Datasheet HTML 1Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 2Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 3Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 4Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 5Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 6Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 7Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 8Page - NIC-Components Corp. NVR05K201S-F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
NVR14 SPECIFICATIONS
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
V (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR14K180S_ _F
18(16~20)
11
14
10
36
1000
0.1
4
10000
1.3
Other
Applications
(See page 8,
table 2)
NVR14K220S_ _F
22(20~24)
14
18
10
43
1000
0.1
5
8500
1.4
NVR14K270S_ _F
27(24~30)
17
22
10
53
1000
0.1
6
7000
1.5
NVR14K330S_ _F
33(30~36)
20
26
10
65
1000
0.1
7.5
6000
1.7
NVR14K390S_ _F
39(35~43)
25
31
10
77
1000
0.1
8.6
4800
1.8
NVR14K470S_ _F
47(42~52)
30
38
10
93
1000
0.1
10
3800
1.8
NVR14K560S_ _F
56(50~62)
35
45
10
110
1000
0.1
11
3300
1.9
NVR14K680S_ _F
68(61~75)
40
56
10
135
1000
0.1
14
2700
2.2
NVR14K820S_ _F
82(74~90)
50
65
50
135
4500
0.6
22
2100
1.6
for SPD
Type 3
Appl.
(See page 8,
tables
1 & 2)
NVR14K101S_ _F
100(90~110)
60
85
50
165
4500
0.6
28
1900
1.8
NVR14K121S_ _F
120(108~132)
75
100
50
200
4500
0.6
32
1700
2.0
NVR14K151S_ _F
150(135~165)
95
125
50
250
4500
0.6
40
940
1.8
NVR14K181S_ _F
180(162~198)
115
150
50
300
4500
0.6
52
800
1.6
NVR14K201S_ _F
200(180~220)
130
170
50
340
4500
0.6
57
700
1.7
NVR14K221S_ _F
220(198~242)
140
180
50
360
4500
0.6
60
640
1.7
NVR14K241S_ _F
240(216~264)
150
200
50
395
4500
0.6
63
580
1.8
NVR14K271S_ _F
270(243~297)
175
225
50
455
4500
0.6
70
520
1.9
NVR14K301S_ _F
300(270~330)
195
250
50
500
4500
0.6
78
480
2.1
NVR14K331S_ _F
330(297~363)
215
275
50
550
4500
0.6
85
450
2.2
NVR14K361S_ _F
360(324~396)
230
300
50
595
4500
0.6
93
430
2.3
NVR14K391S_ _F
390(351~429)
250
320
50
650
4500
0.6
100
390
2.5
NVR14K431S_ _F
430(387~473)
275
350
50
710
4500
0.6
115
370
2.5
NVR14K471S_ _F
470(423~517)
300
385
50
775
4500
0.6
125
320
2.6
NVR14K511S_ _F
510(459~561)
320
410
50
845
4500
0.6
125
290
2.8
NVR14K561S_ _F
560(504~616)
350
450
50
930
4500
0.6
125
260
3.0
NVR14K621S_ _F
620(558~682)
395
510
50
1020
4500
0.6
125
240
3.2
NVR14K681S_ _F
680(612~748)
420
560
50
1120
4500
0.6
130
230
3.4
NVR14K751S_ _F
750(675~825)
465
615
50
1235
4500
0.6
143
220
3.7
NVR14K821S_ _F
820(738~902)
510
670
50
1355
4500
0.6
157
180
3.4
NVR14K911S_ _F
910(819~1001)
550
745
50
1500
4500
0.6
175
170
3.7
NVR14K102S_ _F
1000(900~1100)
625
825
50
1650
4500
0.6
190
150
4.0
NVR14K112S_ _F
1100(990~1210)
680
895
50
1815
4500
0.6
213
140
4.3
NVR14K122S_ _F
1200
(1080-1320)
725
975
50
1980
4500
0.6
230
130
5.2
NVR14K142S_ _F
1400
(1260-1540)
820
1140
50
2300
4500
0.6
250
110
6.0
NVR14K162S_ _F
1600
(1440-1760)
910
1300
50
2630
4500
0.6
315
95
6.7
NVR14K182S_ _F
1800
(1620-1980)
1000
1465
50
2950
4500
0.6
354
85
7.4


Similar Part No. - NVR05K201S-F

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
   Network Video Recorder
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
   Network Video Recorder
More results

Similar Description - NVR05K201S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com