Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR06A1003CTR1KF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTR06A1003CTR1KF
Description  Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTR06A1003CTR1KF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTR06A1003CTR1KF Datasheet HTML 1Page - NIC-Components Corp. NTR06A1003CTR1KF Datasheet HTML 2Page - NIC-Components Corp. NTR06A1003CTR1KF Datasheet HTML 3Page - NIC-Components Corp. NTR06A1003CTR1KF Datasheet HTML 4Page - NIC-Components Corp. NTR06A1003CTR1KF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thin Film Chip Resistors
NTR Series
DIMENSIONS (mm)
TAPING SPECIFICATIONS
(1) Availability
Type
Power Rating
EIA Size
L
W
H
T
t
NTR02
1/20W
0201
0.58 ± 0.05
0.29 ± 0.05
0.23 ± 0.03
0.12 ± 0.05
0.15 ± 0.05
NTR04
1/16W
0402
1.0 ± 0.05
0.5 ± 0.05
0.30 ± 0.05
0.2 ± 0.10
0.20 ± 0.10
NTR06
1/16W
0603
1.55 ± 0.10
0.8 ± 0.10
0.45 ± 0.10
0.3 ± 0.20
0.30 ± 0.20
NTR10
1/10W
0805
2.0 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.3 ± 0.20
0.40 ± 0.25
NTR12
1/8W
1206
3.05 ± 0.10
1.55 ± 0.10
0.55 ± 0.10
0.42 ± 0.20
0.35 ± 0.25
NTR25
1/4W
2010
4.9 ± 0.15
2.4 ± 0.15
0.55 ± 0.10
0.6 ± 0.30
0.50 ± 0.25
NTR50
1/2W
2512
6.3 ± 0.15
3.1 ± 0.15
0.55 ± 0.10
0.6 ± 0.30
0.50 ± 0.25
Type
Power Rating
EIA Size
Carrier Tape
Qty per Reel (pcs)
Fig.
Material
Width (mm)
Standard
Optional
NTR02
1/32W
0201
A
Paper
8
10,000
1,000
NTR04
1/16W
0402
A
10,000
1,000
NTR06
1/16W
0603
A
5,000
1,000
NTR10
1/10W
0805
A
NTR12
1/8W
1206
A
NTR25
1/4W
2010
B
Plastic
12
4,000
1,000
NTR50
1/2W
2512
B


Similar Part No. - NTR06A1003CTR1KF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PL ONSEMI-NTR0202PL Datasheet
141Kb / 5P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
NTR0202PL ONSEMI-NTR0202PL Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTR0202PL ONSEMI-NTR0202PL Datasheet
99Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 6
NTR0202PLT1 ONSEMI-NTR0202PLT1 Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
More results

Similar Description - NTR06A1003CTR1KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com