Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVA0825VZ-5R5C200TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NVA0825VZ-5R5C200TRF
Description  Surface Mount Varistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVA0825VZ-5R5C200TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NVA0825VZ-5R5C200TRF Datasheet HTML 1Page - NIC-Components Corp. NVA0825VZ-5R5C200TRF Datasheet HTML 2Page - NIC-Components Corp. NVA0825VZ-5R5C200TRF Datasheet HTML 3Page - NIC-Components Corp. NVA0825VZ-5R5C200TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change without notice.
Surface Mount Varistor Array
NVA Series
FEATURES
• MULTILAYER CONSTRUCTION
• TRANSIENT VOLTAGE (ESD, I/O, EFT AND BURST) PROTECTION
• 4-ELEMENTS TO 8-ELEMENTS IN SINGLE PACKAGE
• REDUCED PCB SPACE AND ASSEMBLY COST
• R-C TERMINATOR CIRCUITS
• CASE SIZE 0805 & 0825 (2.05mm x 1.25mm)
• FOR TRANSIENT VOLTAGE AND EMI PROTECTION
• FAST RESPONSE (LESS THAN 0.5nS)
• LOW CLAMPING VOLTAGES
• REFLOW SOLDERING COMPATIBLE
*1 - Vc, Maximum peak voltage across the varistor at1 A, 8/20μs impulse current.
*2 - Vc, Maximum peak voltage across the varistor measured at 30ns after initiation of pulse on IEC61000-4-2 30A/8KV.
*3 - Ip, Maximum peak current applied at 8/20
μs surge impulse current without varistor failure.
Please specify the capacitance tolerance code (N=±30%, Y=+100%~-50%).
Inquiries for custom products are welcome, please contact local NIC sales personnel to review your requirements.
Type
L
W
T
C1
C2
C3
P
NVA0805
2.05 ± 0.10
1.25 ± 0.10
0.85 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
/
0.50 ± 0.10
NVA0825
2.05 ± 0.10
1.25 ± 0.10
0.85 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
0.30 ± 0.10
0.50 ± 0.10
CASE SIZE DIMENSIONS (mm)
NVA
0805
N 5R5 C400
F
RoHS Compliant
Tape & Reel
Working Voltage: See Specifications Tables
Case Size: 0805 (8 termination), 0825 (10 termination)
Series
PART NUMBERING SYSTEM
TR
Capacitance Code (pF - 1st & 2nd = significant figures, 3rd = multiplier )
Capacitance Tolerance: N = ±30%, Y = +100%/-50%
Circuit Type: See circuit diagrams
VY
TYPE 0825 (10 termination)
T
L
W
P
C1
C2
C3
TYPE 0805 (8 termination)
T
L
W
P
C1
C2


Similar Part No. - NVA0825VZ-5R5C200TRF

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000A LANNER-NVA-3000A Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000B LANNER-NVA-3000B Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
logo
ON Semiconductor
NVA4001N ONSEMI-NVA4001N Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
NVA4001NT1G ONSEMI-NVA4001NT1G Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
More results

Similar Description - NVA0825VZ-5R5C200TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com