Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST04-473-410TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NST04-473-410TRF
Description  Surface Mount NTC Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NST04-473-410TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NST04-473-410TRF Datasheet HTML 1Page - NIC-Components Corp. NST04-473-410TRF Datasheet HTML 2Page - NIC-Components Corp. NST04-473-410TRF Datasheet HTML 3Page - NIC-Components Corp. NST04-473-410TRF Datasheet HTML 4Page - NIC-Components Corp. NST04-473-410TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
68
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount NTC Thermistors
NST Series
NST04 Part Number
Resistance Value
+25°C
Beta Value
(B25/50)
Maximum
Operating
Current (mA)
Termal Time
Constant
(sec.)
Dissipation
Factor
(mW/°C)
Rated
Power
(mW)
NST06_ _101_338TRF
100
3380
3.1
<5sec
1
100
NST06_ _151_338TRF
150
3380
2.5
NST06_ _221_345TRF
220
3450
2.1
NST06_ _331_345TRF
330
3450
1.7
NST06_ _471_345TRF
470
3450
1.4
NST06_ _681_345TRF
680
3450
1.2
NST06_ _102_345TRF
1K
3450
1
NST06_ _152_345TRF
1.5K
3450
0.81
NST06_ _222_395TRF
2.2K
3950
0.67
NST06_ _302_395TRF
3K
3950
0.55
NST06_ _332_395TRF
3.3K
3950
0.55
NST06_ _472_395TRF
4.7K
3950
0.46
NST06_ _502_395TRF
5K
3950
0.44
NST06_ _682_395TRF
6.8K
3950
0.38
NST06_ _103_345TRF
10K
3450
0.31
NST06_ _103_395TRF
10K
3950
0.33
NST06_ _153_395TRF
15K
3950
0.25
NST06_ _223_405TRF
22K
4050
0.21
NST06_ _333_405TRF
33K
4050
0.17
NST06_ _473_415TRF
47K
4150
0.14
NST06_ _503_415TRF
50K
4150
0.13
NST06_ _683_415TRF
68K
4150
0.12
NST06_ _104_425TRF
100K
4250
0.1
NST06_ _154_430TRF
150K
4300
0.08
NST06_ _224_435TRF
220K
4350
0.06
NST06_ _334_440TRF
330K
4400
0.05
NST06_ _474_450TRF
470K
4500
0.04
NST06_ _684_450TRF
680K
4500
0.03
NST06 (0603 CASE SIZE) STANDARD VALUES AND SPECIFICATIONS
_ _ Insert beta temp. code (D=+25°C~+50°C, A=+25°C~+85°C, E=+25°C~+105°C) & resistance tol. code (F=1%,
H=±3%, J=±5%, K=±10%)
_ Beta tolerance code (F = 1%, H = ±3%)
Contact NIC regarding availability of resistance and beta values not shown.


Similar Part No. - NST04-473-410TRF

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST04-A MICRONETICS-NST04-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
NST04-B MICRONETICS-NST04-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
More results

Similar Description - NST04-473-410TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
   Surface Mount, NTC Thermistors
Revision: 16-Jan-04
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
Vishay Siliconix
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
   NTC Thermistors, Surface Mount Chip
Revision 06-Oct-06
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com