Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPRH470M63V10X9.5YF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPRH470M63V10X9.5YF
Description  Hybrid Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPRH470M63V10X9.5YF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPRH470M63V10X9.5YF Datasheet HTML 1Page - NIC-Components Corp. NSPRH470M63V10X9.5YF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NSPRH Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
6.3
8
10
Lead Dia. (d
φ)
0.45
0.6
0.7
Lead Spacing (F)
2.5
3.5
5.0
Dim.
α
0.5
Dim.
Β
1.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Laminated Case
F ± 0.5
D
φ ± α
5mm
Min.
15mm Min.
L +
β max.
PolaritY Marking
-
+
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Leakage Current
(
μA) after 2 minutes
Ripple Current Rating
(mA) +105°C/100KHz
Max. ESR (m
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NSPRH121M16V6.3X7.2YF
120
16
0.16
100.0
1500
40
3,000
NSPRH271M16V8x9.5YF
270
0.16
216.0
2000
26
7,000
NSPRH471M16V10X9.5YF
470
0.16
376.0
2600
21
7,000
NSPRH561M16V10X11.5YF
560
0.16
448.0
3000
15
7,000
NSPRH680M25V6.3X7.2YF68
25
0.16
100.0
1400
45
5,000
NSPRH151M25V8x9.5YF
150
0.16
187.5
1900
27
10,000
NSPRH271M25V10X9.5YF
270
0.16
337.5
2530
22
10,000
NSPRH331M25V10X11.5YF
330
0.16
412.5
2900
16
10,000
NSPRH470M35V6.3X7.2YF47
35
0.16
100.0
1300
60
5,000
NSPRH101M35V8X9.5YF
100
0.16
175.0
1800
30
10,000
NSPRH151M35V10x9.5YF
150
0.16
262.5
2470
23
10,000
NSPRH221M35V10X11.5YF
220
0.16
385.0
2830
17
10,000
NSPRH270M40V6.3X7.2YF27
40
0.16
100.0
1250
70
5,000
NSPRH560M40V8X9.5YF
56
0.16
112.0
1750
32
10,000
NSPRH101M40V10X9.5YF
100
0.16
200.0
2400
24
10,000
NSPRH121M40V10X11.5YF
120
0.16
240.0
2750
18
10,000
NSPRH150M50V6.3X7.2YF15
50
0.16
100.0
1200
80
5,000
NSPRH330M50V8X9.5YF
33
0.16
100.0
1670
35
10,000
NSPRH560M50V10X9.5YF
56
0.16
140.0
2320
25
10,000
NSPRH820M50V10X11.5YF
82
0.16
205.0
2650
19
10,000
NSPRH100M63V6.3X7.2YF10
63
0.16
100.0
1060
100
5,000
NSPRH220M63V8X9.5YF
22
0.16
100.0
1560
40
10,000
NSPRH330M63V8X9.5YF
33
0.16
104.0
1560
40
10,000
NSPRH330M63V10X9.5YF
33
0.16
104.0
2100
30
10,000
NSPRH470M63V10X9.5YF
47
0.16
148.1
2100
30
10,000
NSPRH560M63V10X11.5YF
56
0.16
176.4
2400
22
10,000
NSPRH120M80V10X9.5YF12
80
0.16
100.0
1600
70
10,000
NSPRH150M80V10X9.5YF
15
0.16
100.0
1600
70
10,000
NSPRH180M80V10X11.5YF
18
0.16
100.0
1830
50
10,000
NSPRH100M100V10X9.5YF10
100
0.16
100.0
1450
80
10,000
NSPRH120M100V10X9.5YF
12
0.16
100.0
1450
80
10,000
NSPRH150M100V10X11.5YF
15
0.16
100.0
1660
60
10,000
Frequency (Hz)
100
1K
10K
>100K
10
μF ~ 33μF
0.05
0.32
0.67
1.00
47
μF ~ 560μF
0.10
0.35
0.70
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
H24
100
35v
MARKING
Date Code
2 = Year 2012
4 = month (1 - 9 Jan ~ Sept, O = Oct, N = Nov, D = Dec.)
Capacitance
Voltage
Series
Top Vent
10mm Dia.


Similar Part No. - NSPRH470M63V10X9.5YF

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR310S-E NICHIA-NSPR310S-E Datasheet
240Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336BS NICHIA-NSPR336BS Datasheet
275Kb / 16P
   rohs compliant
NSPR336CS NICHIA-NSPR336CS Datasheet
272Kb / 16P
   rohs compliant
NSPR346KS NICHIA-NSPR346KS Datasheet
249Kb / 15P
   RoHS Compliant
More results

Similar Description - NSPRH470M63V10X9.5YF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRT NIC-NSPRT Datasheet
111Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPEHZ NIC-NSPEHZ Datasheet
120Kb / 4P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A_14 Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-Z NIC-NSPE-Z Datasheet
90Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRY NIC-NSPRY Datasheet
109Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com