Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-S2R2M63V4x7F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-S2R2M63V4x7F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-S2R2M63V4x7F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-S2R2M63V4x7F Datasheet HTML 1Page - NIC-Components Corp. NRE-S2R2M63V4x7F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRE-S220M6.3V4x7F
22
6.3
0.24
29
18.1
1,000
NRE-S330M6.3V4x7F
33
0.24
38
12.1
1,000
NRE-S470M6.3V4x7F
47
0.24
46
8.47
1,000
NRE-S101M6.3V5x7F
100
0.24
70
3.98
1,000
NRE-S221M6.3V6.3x7F
220
0.24
95
2.49
1,000
NRE-S331M6.3V6.3x7F
330
0.24
110
2.21
1,000
NRE-S220M10V4x7F
22
10
0.20
35
15.1
1,000
NRE-S330M10V4x7F
33
0.20
43
10.1
1,000
NRE-S470M10V5x7F
47
0.20
53
7.06
1,000
NRE-S101M10V6.3x7F
100
0.20
80
3.32
1,000
NRE-S221M10V6.3x7F
220
0.20
110
1.51
1,000
NRE-S100M16V4x7F
10
16
0.16
25
26.6
1,000
NRE-S220M16V4x7F
22
0.16
39
12.1
1,000
NRE-S330M16V5x7F
33
0.16
49
8.05
1,000
NRE-S470M16V5x7F
47
0.16
59
5.65
1,000
NRE-S101M16V6.3x7F
100
0.16
120
2.88
1,000
NRE-S221M16V6.3x7F
220
0.16
110
1.21
1,000
NRE-S100M25V4x7F
10
25
0.14
27
23.3
1,000
NRE-S220M25V5x7F
22
0.14
43
10.6
1,000
NRE-S330M25V5x7F
33
0.14
63
7.04
1,000
NRE-S470M25V6.3x7F
47
0.14
70
4.85
1,000
NRE-S101M25V6.3x7F
100
0.14
100
2.33
1,000
NRE-S4R7M35V4x7F
4.7
35
0.12
20
42.4
1,000
NRE-S100M35V4x7F
10
0.12
29
19.9
1,000
NRE-S220M35V5x7F
22
0.12
47
9.05
1,000
NRE-S330M35V6.3x7F
33
0.12
60
6.03
1,000
NRE-S470M35V6.3x7F
47
0.12
75
4.24
1,000
NRE-S101M35V6.3x7F
100
0.12
105
1.90
1,000
NRE-S1R0M50V4x7F
1.0
50
0.10
9.0
188
1,000
NRE-S2R2M50V4x7F
2.2
0.10
15
75.4
1,000
NRE-S3R3M50V4x7F
3.3
0.10
18
50.3
1,000
NRE-S4R7M50V4x7F
4.7
0.10
23
35.3
1,000
NRE-S100M50V5x7F
10
0.10
34
16.6
1,000
NRE-S220M50V6.3x7F
22
0.10
55
7.54
1,000
NRE-S330M50V6.3x7F
33
0.10
70
4.80
1,000
NRE-S470M50V6.3x7F
47
0.10
80
3.53
1,000
NRE-S1R0M63V4x7F
1.0
63
0.08
10
133
1,000
NRE-S2R2M63V4x7F
2.2
0.08
17
60.4
1,000
NRE-S3R3M63V4x7F
3.3
0.08
21
40.4
1,000
NRE-S4R7M63V5x7F
4.7
0.08
26
26.3
1,000
NRE-S100M63V6.3x7F
10
0.08
43
6.04
1,000
NRE-S220M63V6.3x7F
22
0.08
65
4.04
1,000
Miniature Aluminum Electrolytic Capacitors
NRE-S Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRE-S2R2M63V4x7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-S2R2M63V4x7F NIC-NRE-S2R2M63V4x7F Datasheet
85Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-S2R2M63V4x7F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com