Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPE-Z330M25V5X6.1NLBYF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPE-Z330M25V5X6.1NLBYF
Description  Hybrid Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPE-Z330M25V5X6.1NLBYF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPE-Z330M25V5X6.1NLBYF Datasheet HTML 1Page - NIC-Components Corp. NSPE-Z330M25V5X6.1NLBYF Datasheet HTML 2Page - NIC-Components Corp. NSPE-Z330M25V5X6.1NLBYF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NSPE-Z 151 M 35V 8x10.5 N LB Y F
RoHS Compliant
Sn-Bi Finish, 15" Reel
Reflow Temp. Code (N=+260°C)
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
NSPE-Z Series
Hybrid Aluminum Electrolytic Capacitors
LAND PATTERN DIM. (mm)
+
-
bc
a
c
Case Dia.
a
b
c
5
1.5
2.8
1.6
6.3
1.8
3.2
1.6
8
3.1
4.0
2.0
10
4.6
4.1
2.0
DIMENSIONS (mm)
0.3mm max.
D
φ
L
Case Size
D
φ ±0.5
L max.
A, B ±0.2
W
I ±0.3
P ±0.2
5x6.1
5
6.1
5.3
0.55 ~ 0.75
2.2
1.5
6.3x6.1
6.3
6.1
6.6
0.55 ~ 0.75
2.6
1.8
6.3x8
6.3
8.0
6.6
0.55 ~ 0.75
2.6
1.8
8x10.5
8.0
10.5
8.3
0.7 ~ 1.1
3.4
3.1
10x10.5
10
10.5
10.3
0.7 ~ 1.1
3.5
4.6
+
-
I
I
W
P
A
B
Part Marking
Capacitance
Date Code
Voltage Code
Series Code
33
E
Polarity (Cathode)
ZC
VOLTAGE RATING CODES
Code
Voltage Rating
E
25V
V
35V
H
50V
J
63V
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NSPE-Z330M25V5X6.1NLBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X6.1NLBYF NIC-NSPE-A100M50V5X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X61NLBYF NIC-NSPE-A100M50V5X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V6.3X6.1NLBYF NIC-NSPE-A100M63V6.3X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V63X61NLBYF NIC-NSPE-A100M63V63X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - NSPE-Z330M25V5X6.1NLBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRT NIC-NSPRT Datasheet
111Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPEHZ NIC-NSPEHZ Datasheet
120Kb / 4P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A_14 Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRH NIC-NSPRH Datasheet
81Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPRY NIC-NSPRY Datasheet
109Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com