Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSD
Description  Surface Mount Schottky Barrier Rectifi er Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSD Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSD Datasheet HTML 1Page - NIC-Components Corp. NSD Datasheet HTML 2Page - NIC-Components Corp. NSD Datasheet HTML 3Page - NIC-Components Corp. NSD Datasheet HTML 4Page - NIC-Components Corp. NSD Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
2
®
Surface Mount Schottky Barrier Rectifier Diode
NSD Series
RATING AND CHARACTERISTIC CURVES (NSD12 THRU NSD100)
NUMBER OF CYCLES AT 60Hz
50
40
30
20
10
0
2
4
6
40
18
10
20
FIG. 2 - MAXIMUM NON-REPETITIVE FOR-
WARD SURGE CURRENT
8.3ms Single Half Sine-Wave
(JEDEC Method) TJ=125OC
60
80
100
AMBIENT TEMPERATURE, (OC)
1.0
.8
.6
.4
.2
0
25
50
75
175
0
100
125
150
FIG. 1 - FORWARD CURRENT
DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
NSD15, 16
NSD12~14


Similar Part No. - NSD

ManufacturerPart #DatasheetDescription
logo
ams AG
NSD-1202 AMSCO-NSD-1202 Datasheet
1Mb / 13P
   Dual Piezo Motor Driver IC for SQL Series
NSD-1202 AMSCO-NSD-1202 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202BQFT AMSCO-NSD-1202BQFT Datasheet
1Mb / 13P
   Dual Piezo Motor Driver IC for SQL Series
NSD-1202BQFT AMSCO-NSD-1202BQFT Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
NSD-1202 AMSCO-NSD-1202_07 Datasheet
843Kb / 14P
   Dual Piezo Motor Driver IC for SQL Series SQUIGGLE Motors
More results

Similar Description - NSD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
   Schottky Barrier Rectifi er Chip Diode
logo
NIC-Components Corp.
NRD4004TR-5KF NIC-NRD4004TR-5KF Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
NRD NIC-NRD Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
logo
Taiwan Semiconductor Co...
MBRS1035 TSC-MBRS1035_14 Datasheet
214Kb / 4P
   Surface Mount Schottky Barrier Rectifi
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
   Rectifi er Diode Avalanche Diode
DS2 IXYS-DS2 Datasheet
72Kb / 2P
   Rectifi er Diode Avalanche Diode
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT150DL60B2 MICROSEMI-APT150DL60B2 Datasheet
134Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com