Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLPW332M50V22X30SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLPW332M50V22X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW332M50V22X30SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLPW332M50V22X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW332M50V22X30SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(µF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (µA)
ESR (W @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW822M63V30X40SF
63VDC
8200
30X40
0.3
2156
0.061
0.047
4.04
4.64
NRLPW822M63V35X35SF
8200
35X35
0.3
2156
0.061
0.047
4.04
4.64
NRLPW103M63V30X45SF
10000
30X45
0.3
2381
0.05
0.039
4.48
5.15
NRLPW103M63V35X40SF
10000
35X40
0.3
2381
0.05
0.039
4.48
5.15
NRLPW123M63V35X45SF
12000
35X45
0.3
2608
0.042
0.033
4.75
5.46
NRLPW153M63V35X50SF
15000
35X50
0.3
2916
0.034
0.027
5.25
6.03
NRLPW102M80V20X25SF
80VDC
1000
20X25
0.25
848
0.415
0.32
1.24
1.42
NRLPW122M80V20X30SF
1200
20X30
0.25
929
0.346
0.267
1.44
1.65
NRLPW122M80V22X25SF
1200
22X25
0.25
929
0.346
0.267
1.44
1.65
NRLPW152M80V20X30SF
1500
20X30
0.25
1039
0.277
0.214
1.59
1.82
NRLPW182M80V20X35SF
1800
20X35
0.25
1138
0.231
0.178
1.79
2.05
NRLPW182M80V22X30SF
1800
22X30
0.25
1138
0.231
0.178
1.79
2.05
NRLPW182M80V25X25SF
1800
25X25
0.25
1138
0.231
0.178
1.79
2.05
NRLPW222M80V20X40SF
2200
20X40
0.25
1258
0.189
0.146
2.03
2.33
NRLPW222M80V22X35SF
2200
22X35
0.25
1258
0.189
0.146
2.03
2.33
NRLPW272M80V22X40SF
2700
22X40
0.25
1394
0.154
0.119
2.39
2.74
NRLPW272M80V30X25SF
2700
30X25
0.25
1394
0.154
0.119
2.39
2.74
NRLPW332M80V22X50SF
3300
22X50
0.25
1541
0.126
0.097
2.64
3.03
NRLPW332M80V30X30SF
3300
30X30
0.25
1541
0.126
0.097
2.64
3.03
NRLPW332M80V35X25SF
3300
35X25
0.25
1541
0.126
0.097
2.64
3.03
NRLPW392M80V25X45SF
3900
25X45
0.25
1675
0.107
0.083
2.97
3.41
NRLPW392M80V30X30SF
3900
30X30
0.25
1675
0.107
0.083
2.97
3.41
NRLPW472M80V25X50SF
4700
25X50
0.25
1839
0.089
0.069
3.38
3.88
NRLPW472M80V30X35SF
4700
30X35
0.25
1839
0.089
0.069
3.38
3.88
NRLPW472M80V35X30SF
4700
35X30
0.25
1839
0.089
0.069
3.38
3.88
NRLPW562M80V30X40SF
5600
30X40
0.25
2007
0.075
0.058
3.8
4.37
NRLPW562M80V35X35SF
5600
35X35
0.25
2007
0.075
0.058
3.8
4.37
NRLPW682M80V30X50SF
6800
30X50
0.25
2212
0.061
0.047
4.1
4.71
NRLPW682M80V35X40SF
6800
35X40
0.25
2212
0.061
0.047
4.1
4.71
NRLPW822M80V35X45SF
8200
35X45
0.25
2429
0.051
0.04
4.3
4.94
NRLPW681M100V20X25SF
100VDC
680
20X25
0.25
782
0.61
0.47
1.15
1.32
NRLPW821M100V20X30SF
820
20X30
0.25
859
0.506
0.39
1.32
1.51
NRLPW821M100V22X25SF
820
22X25
0.25
859
0.506
0.39
1.32
1.51
NRLPW102M100V20X30SF
1000
20X30
0.25
948
0.415
0.32
1.47
1.69
NRLPW122M100V20X35SF
1200
20X35
0.25
1039
0.346
0.267
1.69
1.94
NRLPW122M100V22X30SF
1200
22X30
0.25
1039
0.346
0.267
1.69
1.94
NRLPW122M100V25X25SF
1200
25X25
0.25
1039
0.346
0.267
1.69
1.94
NRLPW152M100V22X35SF
1500
22X35
0.25
1161
0.277
0.214
1.98
2.27
NRLPW152M100V25X30SF
1500
25X30
0.25
1161
0.277
0.214
1.98
2.27
NRLPW182M100V22X40SF
1800
22X40
0.25
1272
0.231
0.178
2.23
2.56
NRLPW182M100V30X25SF
1800
30X25
0.25
1272
0.231
0.178
2.23
2.56
NRLPW222M100V25X40SF
2200
25X40
0.25
1407
0.189
0.146
2.55
2.93
NRLPW222M100V30X30SF
2200
30X30
0.25
1407
0.189
0.146
2.55
2.93
NRLPW222M100V35X25SF
2200
35X25
0.25
1407
0.189
0.146
2.55
2.93
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW332M50V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW332M50V22X30SF NIC-NRLPW332M50V22X30SF Datasheet
116Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW332M50V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com