Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-FL682M10V16x31.5F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRE-FL682M10V16x31.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-FL682M10V16x31.5F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRE-FL682M10V16x31.5F Datasheet HTML 1Page - NIC-Components Corp. NRE-FL682M10V16x31.5F Datasheet HTML 2Page - NIC-Components Corp. NRE-FL682M10V16x31.5F Datasheet HTML 3Page - NIC-Components Corp. NRE-FL682M10V16x31.5F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-FL Series
Frequency (Hz)
120
1K
10K <100K
1.0 ~ 10
μF
0.42
0.60
0.80
1.00
22 ~ 33
μF
0.55
0.75
0.90
1.00
47 ~ 330
μF
0.70
0.85
0.95
1.00
470 ~ 1000
μF
0.75
0.90
0.98
1.00
2200 ~ 15000
μF 0.80
0.95
1.00
1.00
All 160 ~ 250V Parts
Frequency (Hz) 60(50) 120
1K
10K
<100K
Coefficient
0.40
0.50
0.75
0.90
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. LC
5 minutes
(
μA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C
NRE-FL1R0M100V5x11F
1.0
100
0.08
3.0
4.5
20
5000
NRE-FL2R2M100V5x11F
2.2
0.08
3.0
3.0
30
5000
NRE-FL3R3M100V5x11F
3.3
0.08
3.3
2.7
40
5000
NRE-FL4R7M100V5x11F
4.7
0.08
4.7
2.5
65
5000
NRE-FL100M100V6.3x11F
10
0.08
10
1.2
140
5000
NRE-FL220M100V8x11.5F
22
0.08
22
0.63
160
7000
NRE-FL330M100V10x12.5F
33
0.08
33
0.43
230
7000
NRE-FL470M100V10x16F
47
0.08
47
0.31
290
7000
NRE-FL101M100V12.5x20F
100
0.08
100
0.16
430
10000
NRE-FL221M100V16x25F
220
0.08
220
0.073
900
10000
NRE-FL331M100V16x25F
330
0.08
330
0.073
900
10000
NRE-FL220M160V10x20F
22
160
0.12
70.4
1.0
350
2000
NRE-FL330M160V12.5x20F
33
0.12
105.6
0.70
450
2000
NRE-FL470M160V12.5x25F
47
0.12
150.4
0.45
600
2000
NRE-FL680M160V12.5x25F
68
0.12
217.6
0.45
600
2000
NRE-FL101M160V16x25F
100
0.12
320
0.24
950
2000
NRE-FL151M160V16x31.5F
150
0.12
480
0.17
1200
2000
NRE-FL221M160V18x35.5F
220
0.12
704
0.14
1400
2000
NRE-FL220M200V10x20F
22
200
0.12
88
1.0
350
2000
NRE-FL330M200V12.5x25F
33
0.12
132
0.55
550
2000
NRE-FL470M200V12.5x25F
47
0.12
188
0.44
600
2000
NRE-FL680M200V16x25F
68
0.12
272
0.24
950
2000
NRE-FL101M200V16x31.5F
100
0.12
400
0.17
1200
2000
NRE-FL151M200V16x35.5F
150
0.12
600
0.16
1280
2000
NRE-FL221M200V18x35.5F
220
0.12
880
0.14
1400
2000
NRE-FL220M250V10x20F
22
250
0.12
110
1.4
300
2000
NRE-FL330M250V12.5x25F
33
0.12
165
0.70
450
2000
NRE-FL470M250V16x25F
47
0.12
235
0.31
850
2000
NRE-FL680M250V16x31.5F
68
0.12
340
0.22
1050
2000
NRE-FL101M250V16x35.5F
100
0.12
500
0.18
1200
2000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRE-FL682M10V16x31.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL682M10V16X31.5F NIC-NRE-FL682M10V16X31.5F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-FL682M10V16x31.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com