Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-S470M10V5x7F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-S470M10V5x7F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-S470M10V5x7F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-S470M10V5x7F Datasheet HTML 1Page - NIC-Components Corp. NRE-S470M10V5x7F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
SUBMINIATURE, RADIAL LEADS, POLARIZED
FEATURES
• LOW PROFILE, 7mm HEIGHT
• STABLE & HIGH PERFORMANCE
NRE-S Series
CHARACTERISTICS
LEAD SPACING AND DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 63Vdc
Capacitance Range
1.0 ~ 220
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
S.V. (Vdc)
8
13
20
32
44
63
79
Tan
δ
0.24
0.20
0.16
0.14
0.12
0.10
0.08
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
4
3
2
2
2
2
2
Z-40°C/Z+20°C
10
8
6
4
4
4
4
Load Life Test at Rated W.V.
+85°C 1,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Cap. (
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
1.0
1R0
-
-
-
-
-
4x7
4x7
2.2
2R2
-
-
-
-
-
4x7
4x7
3.3
3R3
-
-
-
-
-
4x7
4x7
4.7
4R7
-
-
-
-
4x7
4x7
5x7
10
100
-
-
4x7
4x7
4x7
5x7
6.3x7
22
220
4x7
4x7
4x7
5x7
5x7
6.3x7
6.3x7
33
330
4x7
4x7
5x7
5x7
6.3x7
6.3x7
-
47
470
4x7
5x7
5x7
6.3x7
6.3x7
6.3x7
-
100
101
5x7
6.3x7
6.3x7
6.3x7
6.3x7
-
-
220
221
6.3x7
6.3x7
6.3x7
-
-
-
-
330
331
6.3x7
-
-
-
-
-
-
Case Dia. (D
φ)
4
5
6.3
Lead Dia. (d
φ)
0.45
0.5
0.5
Lead Spacing (F)
1.5
2.0
2.5
Dim.
α
0.5
0.5
0.5
dim.
β
1.0
1.0
1.0
*See Part Number System for Details
PN
b
S
fD
il
RoHS
Compliant
includes all homogeneous materials
PART NUMBERING SYSTEM
NRE-S 100 M 35V 4X7 TB F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-S470M10V5x7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-S470M10V5x7F NIC-NRE-S470M10V5x7F Datasheet
85Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-S470M10V5x7F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com