Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-LW472M10V18x21F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-LW472M10V18x21F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-LW472M10V18x21F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-LW472M10V18x21F Datasheet HTML 1Page - NIC-Components Corp. NRE-LW472M10V18x21F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT CORRECTION FACTORS
Frequency Factor
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
W.V.
(Vdc)
Cap
(
μF)
Working Voltage (Vdc)
50
120
1K
10K
6.3~16
ALL
0.8
1.0
1.1
1.2
25~35
<1000
0.8
1.0
1.5
1.7
1000<
0.8
1.0
1.2
1.3
50~100
<1000
0.8
1.0
1.6
1.9
1000<
0.8
1.0
1.2
1.3
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRE-LW102M10V12.5x15F
1,000
10
0.20
470
0.33
1,000
NRE-LW222M10V16x16F
2,200
0.22
780
0.17
1,000
NRE-LW332M10V16x21F
3,300
0.24
1000
0.12
1,000
NRE-LW472M10V18x21F
4,700
0.26
1200
0.09
1,000
NRE-LW471M16V10x12.5F
470
16
0.16
340
0.56
1,000
NRE-LW102M16V16x16F
1,000
0.16
630
0.27
1,000
NRE-LW222M16V16x21F
2,200
0.18
940
0.14
1,000
NRE-LW331M25V10x12.5F
330
25
0.14
310
0.70
1,000
NRE-LW471M25V12.5x16F
470
0.14
390
0.49
1,000
NRE-LW102M25V16x21F
1,000
0.14
720
0.23
1,000
NRE-LW222M25V16x21F
2,200
0.16
1080
0.12
1,000
NRE-LW221M35V10x12.5F
220
35
0.12
270
0.90
1,000
NRE-LW331M35V12.5x16F
330
0.12
350
0.60
1,000
NRE-LW471M35V16x16F
470
0.12
490
0.42
1,000
NRE-LW102M35V16x21F
1,000
0.12
840
0.20
1,000
NRE-LW221M50V10x12.5F
220
50
0.10
310
0.75
1,000
NRE-LW331M50V16x16F
330
0.10
440
0.50
1,000
NRE-LW471M50V16x21F
470
0.10
570
0.35
1,000
NRE-LW101M63V10x12.5F
100
63
0.09
210
1.49
1,000
NRE-LW221M63V16x16F
220
0.09
380
0.25
1,000
NRE-LW331M63V16x21F
330
0.09
525
0.68
1,000
NRE-LW470M100V10x12.5F
47
100
0.08
240
2.82
1,000
NRE-LW101M100V16x16F
100
0.08
275
1.33
1,000
NRE-LW221M100V16x21F
220
0.08
490
0.60
1,000
Miniature Aluminum Electrolytic Capacitors
NRE-LW Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
PART NUMBER SYSTEM
NRELW 102 M 35V 16X20 TB F...
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details


Similar Part No. - NRE-LW472M10V18x21F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-LW472M10V18x21F NIC-NRE-LW472M10V18x21F Datasheet
88Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-LW472M10V18x21F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com