Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR2407 Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # IRFR2407
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

IRFR2407 Datasheet(HTML) 6 Page - Lucky Light Electronic

Back Button IRFR2407 Datasheet HTML 2Page - Lucky Light Electronic IRFR2407 Datasheet HTML 3Page - Lucky Light Electronic IRFR2407 Datasheet HTML 4Page - Lucky Light Electronic IRFR2407 Datasheet HTML 5Page - Lucky Light Electronic IRFR2407 Datasheet HTML 6Page - Lucky Light Electronic IRFR2407 Datasheet HTML 7Page - Lucky Light Electronic IRFR2407 Datasheet HTML 8Page - Lucky Light Electronic IRFR2407 Datasheet HTML 9Page - Lucky Light Electronic IRFR2407 Datasheet HTML 10Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.kersemio.com
IRFR/U2407
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
40
80
120
160
200
240
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
18A
25A


Similar Part No. - IRFR2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR2407 IRF-IRFR2407 Datasheet
140Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
   Power MOSFET
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
   Surface Mount (IRFR2407)
logo
Inchange Semiconductor ...
IRFR2407 ISC-IRFR2407 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFR2407

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com