Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

364720 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 364720
Description  1,27 DRC Adapterstuck BTB 30mm 68-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

364720 Datasheet(HTML) 1 Page - ERNI Electronics

  364720 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Index
Date
A
21.07.2009
contact one of the ERNI companies
DRCBTB
68-polig
1,27 DRC Adapterstück BTB 30mm
364720
3:1
Information:
Tolerances
Scale
All Dimensions
in mm
Designation
A3
Class
Drawing will not be updated.
prior notice.
Subject to modification without
I
www.ERNI.com
before using.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
ohne Verriegelung
without interlocking
mit Verriegelung
with interlocking
Verpackungseinheit 44 Stück
-tray packaging
-packaging unit 44
Verpackt in Tray
X
max.
342
1,27
45,93
45,13
44,13
33 x 1,27 = 41,91
5
4,2
Adapterstück für board-to-board Abstand von 30mm (beidseitig verbaut mit Federleiste: 154808, Low Profile)
Adapter for board-to-board height 30mm (in combination with two female connectors: 154808, low profile)
Einzelheit X (M 2:1)
detail X


Similar Part No. - 364720

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364721 ERNI-364721 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 32mm
364722 ERNI-364722 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 34mm 68-polig
364723 ERNI-364723 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 36mm 68-polig
364724 ERNI-364724 Datasheet
58Kb / 1P
   1,27 DRC Adapterst체ck BTB 38mm
364725 ERNI-364725 Datasheet
53Kb / 1P
   1,27 DRC Adapterstuck BTB 20mm 80-polig
More results

Similar Description - 364720

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364719 ERNI-364719 Datasheet
53Kb / 1P
   1,27 DRC Adapterstuck BTB 28mm 68-polig
364716 ERNI-364716 Datasheet
54Kb / 1P
   1,27 DRC Adapterstuck BTB 22mm 68-polig
364717 ERNI-364717 Datasheet
56Kb / 1P
   1,27 DRC Adapterstuck BTB 24mm 68-polig
364718 ERNI-364718 Datasheet
54Kb / 1P
   1,27 DRC Adapterstuck BTB 26mm 68-polig
354312 ERNI-354312 Datasheet
49Kb / 1P
   1,27 DRC Adapterstuck BTB 30mm 50-polig
364099 ERNI-364099 Datasheet
37Kb / 1P
   1,27 DRC Adapterstuck BTB 30mm 12-polig
364730 ERNI-364730 Datasheet
51Kb / 1P
   1,27 DRC Adapterstuck BTB 30mm 80-polig
364715 ERNI-364715 Datasheet
57Kb / 1P
   1,27 DRC AdapterstUck BTB 20mm 68-polig
364722 ERNI-364722 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 34mm 68-polig
364723 ERNI-364723 Datasheet
57Kb / 1P
   1,27 DRC Adapterstuck BTB 36mm 68-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com