Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3363-01 Datasheet(PDF) 3 Page - Fuji Electric

Part # 2SK3363-01
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3363-01 Datasheet(HTML) 3 Page - Fuji Electric

  2SK3363-01 Datasheet HTML 1Page - Fuji Electric 2SK3363-01 Datasheet HTML 2Page - Fuji Electric 2SK3363-01 Datasheet HTML 3Page - Fuji Electric 2SK3363-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
0
50
100
150
200
250
300
0
5
10
15
20
25
15V
Vcc=24V
Typical Gate Charge Characteristics
VGS=f(Qg):ID=100A,Tch=25°C
0
5
10
15
20
25
Qg [nC]
VGS
VDS
2SK3363-01
FUJI POWER MOSFET
-50
0
50
100
150
0
5
10
15
20
max.
typ.
Drain-source on-state resistance
RDS(on)=f(Tch):ID=50A,VGS=10V
Tch [°C]
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
max.
typ.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=1mA
Tch [°C]
10
-2
10
-1
10
0
10
1
10
2
100p
1n
10n
100n
Typical capacitances
C=f(VDS):VGS=0V,f=1MHz
VDS [V]
Ciss
Coss
Crss
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
20
40
60
80
100
120
140
160
180
200
220
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80µs pulse test,Tch=25°C
10V
5V
VGS=0V
VSD [V]
t-ID
10
-1
10
0
10
1
10
2
10
1
10
2
10
3
10
4
ID [A]
td(off)
tf
tr
td(on)
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=15V,VGS=10V,RG=10


Similar Part No. - 2SK3363-01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3363 ISC-2SK3363 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3363-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com