Electronic Components Datasheet Search |
|
SPL1310-2-9-PD Datasheet(PDF) 1 Page - Rochester Electronics |
|
SPL1310-2-9-PD Datasheet(HTML) 1 Page - Rochester Electronics |
1 / 3 page 14.12.2011 SLP1310-2-9-PD 1 of 3 SPL1310-2-9-PD TECHNICAL DATA Pigtailed Coaxial Laser Diode Features Applications • 1310 nm • SM Fiber • Coaxial package • Built-in PD • Optical Bidi Module and Optical Receiver • Optical Transmitter Specifications (25°C) Type Min. Typ. Max. Unit Optical Specification Output Power PF - 2 - mW Center Wavelength λ C 1290 1310 1330 nm Spectral Width Δλ - - - nm Fiber Characteristics Fiber Core Size - 9 - µm Fiber Length - 0.8 1.0 m Connector FC/SC/ST/LC/MU Electrical Specification Slope Efficiency ES - - - mW/mA Threshold Current Ith 5 - 15 mA Operation Current Iop - 30 - mA Operation Voltage Vf - 1.1 1.6 V Monitor Current Im 0.1 - - mA PD Reverse Voltage - 15 - V PD Capacitance - 10 15 pF PD Dark Current - - 0.1 µA Side Mode Suppression Ration 30 35 - dB Data Rate 1.25 Gb/s Package Style Coaxial Absolute Maximum Ratings Reverse Voltage Vr 2.0 V Operating Temperature TOp -10 … +50 °C Storage Temperature Tstg -40 … +85 °C Lead Soldering Temperature (10 sec.) 260 °C The above specifications are for reference purpose only and subjected to change without prior notice. |
Similar Part No. - SPL1310-2-9-PD |
|
Similar Description - SPL1310-2-9-PD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |