Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18255C474KAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 18255C474KAT2A
Description  X7R Dielectric General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

18255C474KAT2A Datasheet(HTML) 3 Page - AVX Corporation

  18255C474KAT2A Datasheet HTML 1Page - AVX Corporation 18255C474KAT2A Datasheet HTML 2Page - AVX Corporation 18255C474KAT2A Datasheet HTML 3Page - AVX Corporation 18255C474KAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
19
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.20 ± 0.02
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.008 ± 0.0008)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
10
16
25
50
6.3
10
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100 200
6.3
10
16
25
50
100 200 500
Cap
100
101
A
A
A
A
A
C
C
G
G
G
(pF)
150
151
A
A
A
A
A
C
C
G
G
G
220
221
A
A
A
A
A
C
C
G
G
G
330
331
A
A
A
A
A
C
C
G
G
G
J
J
J
J
J
J
K
470
471
A
A
A
A
A
C
C
G
G
G
J
J
J
J
J
J
K
680
681
A
A
A
A
C
C
G
G
G
J
J
J
J
J
J
K
1000
102
A
A
A
A
C
C
C
G
G
G
J
J
J
J
J
J
K
1500
152
A
A
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
222
A
A
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
332
A
A
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
472
A
A
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
682
A
A
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.01
103
A
A
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(μF)
0.015
153
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.022
223
C
C
C
G
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
333
C
C
C
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
473
C
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
683
C
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.1
104
C
C
C
G
G
G
G
J
J
J
J
N
J
J
J
J
M
P
0.15
154
G
G
G
G
J
J
J
N
N
JJJ
J
Q
0.22
224
G
G
J
J
J
J
NNN
J
J
J
J
Q
0.33
334
JJ
JJ
N
N
N
N
N
JJ
M
P
Q
0.47
474
J
J
J
J
N
N
NNN
M
M
M
P
Q
0.68
684
JJ
J
N
N
N
M
M
Q
Q
Q
1.0
105
C
J
J
J
J
N
N
N
N
M
M
Q
Q
Q
2.2
225
J
J
P
P
P
P
QQQ
QQ
4.7
475
P
P
P
QQQ
Q
10
106
P
P
QQQ
22
226
QQ
47
476
100
107
WVDC
10
10
16
25
50
6.3
10
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100 200
6.3
10
16
25
50
100 200 500
SIZE
0101
0201
0402
0603
0805
1206
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
NOTE: Contact factory for non-specified capacitance values
*EIA 01005


Similar Part No. - 18255C474KAT2A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825501 PHOENIX-1825501 Datasheet
147Kb / 6P
   IC 2,5/ 2-STGF-5,08
1825514 PHOENIX-1825514 Datasheet
143Kb / 6P
   IC 2,5/ 3-STGF-5,08
1825527 PHOENIX-1825527 Datasheet
147Kb / 6P
   IC 2,5/ 4-STGF-5,08
1825530 PHOENIX-1825530 Datasheet
147Kb / 6P
   IC 2,5/ 5-STGF-5,08
1825530 PHOENIX-1825530 Datasheet
127Kb / 4P
   TMSTBP 2,5/ 5-STF-5,08 AU
More results

Similar Description - 18255C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12065C105MAT2A AVX-12065C105MAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C152KAT2A AVX-06035C152KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C153KAT2A AVX-06035C153KAT2A Datasheet
120Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com