Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L035 Datasheet(PDF) 6 Page - Littelfuse

Part # 1206L035
Description  RoHS compliant, lead-free and halogen-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L035 Datasheet(HTML) 6 Page - Littelfuse

  1206L035 Datasheet HTML 1Page - Littelfuse 1206L035 Datasheet HTML 2Page - Littelfuse 1206L035 Datasheet HTML 3Page - Littelfuse 1206L035 Datasheet HTML 4Page - Littelfuse 1206L035 Datasheet HTML 5Page - Littelfuse 1206L035 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/01/14
Surface Mount > 1206L Series
TAPE SPECIFICATIONS: EIA-481-1
(mm)
REEL DIMENSIONS:
EIA-481-1
(mm)
Packaging Code “YR”:
1206L020
1206L025
1206L035
1206L035/16
1206L050
1206L050/15
1206L075TH
Packaging Code “WR”:
1206L012
1206L016
1206L110TH
Packaging Code “PR”:
1206L075/16
1206L150TH
1206L160
1206L175/13.2
1206L200
W
8.15+0.15-0.30
8.00+/- 0.30
8.15+0.15-0.30
H
16.0+/- 0.2
F
3.50+/- 0.05
3.50+/- 0.05
3.50+/- 0.05
W
9+/- 0.5
E
1
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
D
Ø 60.2+/−0.5
D
0
1.55+/- 0.05
1.55+/- 0.05
1.55+/- 0.05
F
Ø 13.0+/- 0.5
D
1
1.00 (MIN)
1.00 (MIN)
1.00 (MIN)
C
Ø 178+/- 1.0
P
0
4.00+/- 0.10
4.00+/- 0.10
4.00+/- 0.10
H
1
11+/- 0.5
P
1
4.00+/- 0.10
4.00+/- 0.10
4.00+/- 0.10
W
1
2.5+0.5
P
2
2.00+/- 0.05
2.00+/- 0.05
2.00+/- 0.05
W
2
3.0+0.5
A
0
1.95+/- 0.10
1.95+/- 0.10
1.95+/- 0.10
W
3
4.0+0.5
B
0
3.65+/- 0.10
3.65+/- 0.10
3.65+/- 0.10
W
4
5.0+0.5
T
0.25+/- 0.10
0.25+/- 0.10
0.25+/- 0.10
K
0
0.87+/- 0.10
1.30+/- 0.10
1.70+/- 0.10
Leader
min.
390
390
390
Trailer
min.
160
160
160
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
Tape and Reel Specifications


Similar Part No. - 1206L035

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L035 LITTELFUSE-1206L035 Datasheet
129Kb / 2P
   Surface Mount PTC
1206L035 LITTELFUSE-1206L035 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L035 LITTELFUSE-1206L035 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L035 LITTELFUSE-1206L035 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035-16 LITTELFUSE-1206L035-16 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results

Similar Description - 1206L035

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com