Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-463GDS Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # LL-463GDS
Description  Yellow Green LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-463GDS Datasheet(HTML) 6 Page - Lucky Light Electronic

  LL-463GDS Datasheet HTML 1Page - Lucky Light Electronic LL-463GDS Datasheet HTML 2Page - Lucky Light Electronic LL-463GDS Datasheet HTML 3Page - Lucky Light Electronic LL-463GDS Datasheet HTML 4Page - Lucky Light Electronic LL-463GDS Datasheet HTML 5Page - Lucky Light Electronic LL-463GDS Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LUCKY LIGHT
Spec No: VET1003
Rev No:V.1
Date: Dec/05/1990
Page: 6 OF 6
Approved:
JoJo
Checked:
Bob
Drawn: Jiang
Lucky Light Electronics Co., Ltd
Http://www.luckylight.cn
Rliability test ltems and conditions:
No
Item
Test Condition
Test
House/Cycle
Sample
Size
Ac/Re
1
Solder Heat
TEMP:260℃ ±5℃
10 Sec
76
pcs
0/1
2
Temperature
Cycle
H:+100℃ 15min∫
5min
L:-40℃ 15min
300 Cycle
76pcs
0/1
3
Themal Shock
H:+100℃ 5min∫
10 sec
L:-10℃ 5min
300 Cycle
76pcs
0/1
4
High
Temperature
Storage
Temp:100℃
1000Hrs
76pcs
0/1
5
Low
Temperature
Storage
Temp:-40℃
1000Hrs
76pcs
0/1
6
DC Operating
Life
If=20mA
1000Hrs.
76pcs
0/1
7
High
Temperature/
High Humidity
85℃/85%RH
1000Hrs.
76pcs
0/1


Similar Part No. - LL-463GDS

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-463GDS LUCKY-LIGHT-LL-463GDS Datasheet
119Kb / 6P
   3.68*6.3mm Rectangular Legend Yellow Green LED Technical Data Sheet
LL-463GDS LUCKY-LIGHT-LL-463GDS_15 Datasheet
119Kb / 6P
   Yellow Green LED
More results

Similar Description - LL-463GDS

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com