Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-552944-159 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 10-552944-159
Description  Subminiature Cylindrical Connectors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10-552944-159 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 10-552944-159 Datasheet HTML 3Page - Amphenol Corporation 10-552944-159 Datasheet HTML 4Page - Amphenol Corporation 10-552944-159 Datasheet HTML 5Page - Amphenol Corporation 10-552944-159 Datasheet HTML 6Page - Amphenol Corporation 10-552944-159 Datasheet HTML 7Page - Amphenol Corporation 10-552944-159 Datasheet HTML 8Page - Amphenol Corporation 10-552944-159 Datasheet HTML 9Page - Amphenol Corporation 10-552944-159 Datasheet HTML 10Page - Amphenol Corporation 10-552944-159 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
5
Suggested Oper. Voltage
Service
(Sea Level)
Test Voltage
Test Voltage
Test Voltage
Test Voltage
Rating
AC (RMS)
DC
(Sea Level)
50,000 Ft.
70,000 Ft.
110,000 Ft.
22D
.0345 ± .0010
.141
.036
.094
20
.047 ± .001
.209
.044
.125
16
.067 ± .001
.209
.078
.141
12
.100 ± .002
.209
.116
.141
10 (Power)
.137 ± .002
.355
NA
NA
8
.181 ± .002
.490
NA
NA
4
.281 ± .002
.490
NA
NA
0
.453 ± .002
.585
NA
NA
Test Current (Amps)
Maximum
Maximum
Contact
Millivolt Drop MIllivolt Drop
Size
Crimp
Hermetic
Crimp*
Hermetic*
22D
5
3
73
85
20
7.5
5
55
60
16
13
10
49
85
12
23
17
42
85
10 (Power)
33
NA
33
NA
8 (Power)
46
NA
26
NA
480
NA
23
NA
0
150
NA
21
NA
CONTACT RATING
+ .004
– .000
+ .004
– .000
+ .004
– .002
+ .004
– .002
M
400
550
1300 VRMS
550 VRMS
350 VRMS
200 VRMS
N
300
450
1000 VRMS
400 VRMS
260 VRMS
200 VRMS
I
600
850
1800 VRMS
600 VRMS
400 VRMS
200 VRMS
II
900
1250
2300 VRMS
800 VRMS
500 VRMS
200 VRMS
SERVICE RATING
FINISH DATA
Non-Hermetic Shell Components
Service Class
Finish
Military
Proprietary
Anodic Coating (Non-Conductive)
C
RX**
F (Metal)
M (Composite)
W (Metal)
J (Composite)
Stainless Steel with Nickel Plate
S
RS
Stainless Steel
K
RK
Stainless Steel
Y
Y
Stainless Steel with Nickel Plate
N
YN
Hermetic Shell Components
Service Class
Material / Finish
Military
Proprietary
* When using silver plated wire.
Crimp Well Data
Hermetic Data
Contact
Nominal
Min. Well
Size
Well Diameter
Well Depth
Well Diameter
Depth
Tri-Start
specifications
** Add Suffix (005) to part number.
Olive Drab Cadmium Plate Nickel Base
RF
RW
Electroless Nickel
Please note that the establishment of electrical safety factors is left entirely in the designer’s hands, since he is in the best position to know what peak voltage,
switching surges, transients,etc. can be expected in a particular circuit.


Similar Part No. - 10-552944-159

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-552682-11G AMPHENOL-10-552682-11G Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - 10-552944-159

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-20KD19PN AMPHENOL-D38999-20KD19PN Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
12-092 AMPHENOL-12-092 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
MIL-DTL-38999 AMPHENOL-MIL-DTL-38999 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
LJT06RE-11-98P AMPHENOL-LJT06RE-11-98P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M39029-57-354 AMPHENOL-M39029-57-354 Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
10-552682-11G AMPHENOL-10-552682-11G Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com