Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO285 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZLDO285
Description  2.85 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO285 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZLDO285 Datasheet HTML 1Page - Diodes Incorporated ZLDO285 Datasheet HTML 2Page - Diodes Incorporated ZLDO285 Datasheet HTML 3Page - Diodes Incorporated ZLDO285 Datasheet HTML 4Page - Diodes Incorporated ZLDO285 Datasheet HTML 5Page - Diodes Incorporated ZLDO285 Datasheet HTML 6Page - Diodes Incorporated ZLDO285 Datasheet HTML 7Page - Diodes Incorporated ZLDO285 Datasheet HTML 8Page - Diodes Incorporated ZLDO285 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3). Low Battery Flag
The ZLDO285 provides an output called Low
Battery Flag (LBF). Unlike many regulators that
only signal that they are falling out of regulation,
the LBF output of the ZLDO285 indicates that the
voltage drop across the regulator has fallen to
less than typically 300mV and so supply failure is
imminent.
This improved warning gives both more time for
the system supplied to shutdown gracefully and
maintains regulation while this happens. This
could be a vital point if measurements are under
way and must be completed accurately for
instance. The LBF output is driven by an open
collector NPN transistor which pulls low when
the supply to the regulator is failing. Figure 3
shows this output being used. Note that resistor
R1 is necessary only if the interrupt logic does not
include a pull-up resistor.
4). Over Temperature Shutdown
The ZLDO285 regulator
includes an over
temperature shutdown circuit that disables the
regulator if its chip temperature should exceed
125°C for any reason. Although intended to
provide a limited guard against excessive internal
power dissipation, this circuit will shut down the
regulator if its ambient rises above 125°C.
Thus, the regulator could be used to disable a
circuit in the event of the ambient temperature
within which the circuit is mounted becoming
too high. Any internal power dissipation caused
as a result of supplying load current, will reduce
the ambient temperature at which shutdown
occurs. Note that to achieve the extremely low
dropout voltage and high current performance
provided by the ZLDO devices, the parts can be
damaged by sustained output shorts or
excessive loads when combined with high input
supply voltages. To ensure reliable operation,
keep loads within the SOA graph boundaries
indicated in the typical characteristics.
APPLICATIONS
Figure 3
ZLDO285
Spg
D/C
Vout
LBF
SC
Vin
N/C
Gnd
ZLDO285
4.8V
C2
1µF
C1
10pF
C3
100nF
R1
100k
0V
+2.85V
Microproc.
System
Interrupt
Input


Similar Part No. - ZLDO285

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO285T8 ZETEX-ZLDO285T8 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
More results

Similar Description - ZLDO285

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 ZETEX-ZLDO485 Datasheet
114Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
   2.70 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com