Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE480 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P6KE480
Description  TRANSZORB Transient Voltage Suppressors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE480 Datasheet(HTML) 4 Page - Vishay Siliconix

  P6KE480 Datasheet HTML 1Page - Vishay Siliconix P6KE480 Datasheet HTML 2Page - Vishay Siliconix P6KE480 Datasheet HTML 3Page - Vishay Siliconix P6KE480 Datasheet HTML 4Page - Vishay Siliconix P6KE480 Datasheet HTML 5Page - Vishay Siliconix P6KE480 Datasheet HTML 6Page - Vishay Siliconix P6KE480 Datasheet HTML 7Page - Vishay Siliconix P6KE480 Datasheet HTML 8Page - Vishay Siliconix P6KE480 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
P6KE6.8 thru P6KE540A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88369
Revision: 22-Oct-08
4
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2ogm
(3) For bi-directional types with VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
Note:
(1) Automotive grade AEC-Q101 qualified
(+)P6KE440
396
484
1.0
356
1.0
0.95
631
0.110
(+)P6KE440A
418
462
1.0
376
1.0
1.00
602
0.110
P6KE480
432
528
1.0
389
1.0
0.88
686
0.110
P6KE480A
456
504
1.0
408
1.0
0.91
658
0.110
P6KE510
459
561
1.0
413
1.0
0.82
729
0.110
P6KE510A
485
535
1.0
434
1.0
0.86
698
0.110
P6KE540
486
594
1.0
437
1.0
0.78
772
0.110
P6KE540A
513
567
1.0
459
1.0
0.81
740
0.110
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
(3) I
D
(µA)
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR (%/°C)
MIN.
MAX.
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to lead
RθJL
20
°C/W
Typical thermal resistance, junction to ambient
RθJA
75
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
P6KE6.8A-E3/54
0.432
54
4000
13" diameter paper tape and reel
P6KE6.8AHE3/54 (1)
0.432
54
4000
13" diameter paper tape and reel


Similar Part No. - P6KE480

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE480 VISHAY-P6KE480 Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Micro Commercial Compon...
P6KE480 MCC-P6KE480 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Yangzhou yangjie electr...
P6KE480 YANGJIE-P6KE480 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Yea Shin Technology Co....
P6KE480 YEASHIN-P6KE480 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Leshan Radio Company
P6KE480 LRC-P6KE480 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE480

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com