Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE440 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # P6KE440
Description  TRANSZORB Transient Voltage Suppressors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE440 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button P6KE440 Datasheet HTML 7Page - Vishay Siliconix P6KE440 Datasheet HTML 8Page - Vishay Siliconix P6KE440 Datasheet HTML 9Page - Vishay Siliconix P6KE440 Datasheet HTML 10Page - Vishay Siliconix P6KE440 Datasheet HTML 11Page - Vishay Siliconix P6KE440 Datasheet HTML 12Page - Vishay Siliconix P6KE440 Datasheet HTML 13Page - Vishay Siliconix P6KE440 Datasheet HTML 14Page - Vishay Siliconix P6KE440 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
4
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AXIAL-LEADED TAPE AND REEL PACKAGING
Note
• Package codes, 61/5A, 52/5B are matrix-frame constructions for TRANSZORB® TVS in SMA and SMB only.
TABLE 2 - REEL AND AMMO PACK TAPING SPECIFICATIONS
COMPONENT
CASE TYPE
PREFERRED
PACKAGE
CODE
UNITS
PER REEL
COMPONENT
PITCH
“A” Fig. 1
INSIDE TAPE
SPACING “B”
Fig. 1
REEL DIMENSION
“D” Fig. 2
LEAD BENDING
“E” Fig. 1
EA.
INCHES
mm
INCHES
mm
INCHES
mm
INCHES
mm
1.5KA (PAR)
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-204AC
54
4000
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
DO-201AD
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-204AL
54
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
DFS Surface Mount
77
1500
Fig. 13
-
-
13.0
330
Fig. 13
-
DO-214BA (GF1)
67A/5CA
1500/6500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-213AA (GL34)
98/83
2500/9000
-
-
7.0/13.0
178/330
Fig. 13
-
DO-213AB (GL41)
96/97
1500/5000
-
-
7.0/13.0
178/330
Fig. 13
-
GP10E Radial
Fig. 7 and Fig. 8
2500
0.500
12.7
-
-
13.0
330
0.079
2.0
GP10E
54
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
GP20/1.5KE
54
1400
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
MPG06
100
5500
0.200
5.0
2.06
52.4
13.0
330
0.047
1.2
P600
54
800
0.395
10.0
2.06
52.4
13.0
330
0.047
1.2
DO-220AA (SMP)
84A/85A
3000/10 000
Fig. 13
-
-
7.0/13.0
178/330
Fig. 13
-
SMPD
8A
2000
-
-
13.0
330
Fig. 13
-
MicroSMP
89A
4500
-
-
7.0
178
Fig. 13
-
TO-277A (SMPC)
86A/87A
1500/6500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AC (SMA)
61, 61T, TR/5A,
5AT, TR3
1800/7500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AA (SMB)/
DO-215AA (SMBG)
52, 52T/5B, 5BT
750/3200
-
-
7.0/13.0
178/330
Fig. 13
-
DO-214AB (SMC)/
DO-215AB (SMCG)
57T/9AT
850/3500
-
-
7.0/13.0
178/330
Fig. 13
-
DO-218AB
2D
750
-
-
13.0
330
Fig. 13
-
TO-263AB
81, 8W
800
-
-
13.0
330
Fig. 13
-
TO-269AA (MB-S)
80
3000
-
-
13.0
330
Fig. 13
-
DO-221AC
(SlimSMA)
6A/6B
3500/14 000
-
-
7.0/13.0
178/330
Fig. 13
-
TABLE 3 - COMPONENT AND INSIDE HORIZONTAL TAPE SPACING
COMPONENT
BODY DIAMETER
COMPONENTS SPACING
A (LEAD TO LEAD)
INSIDE TAPE
SPACING "B"
CUMULATIVE
PITCH TOLERANCE
0 mm to 5 mm
(0.0" to 0.197")
5.0 mm ± 0.5 mm
(0.197" ± 0.020")
26 mm + 1.5 mm/- 0.0 mm
(1.024" + 0.059"/- 0.0")
Not to exceed 1.5 mm (0.059")
over 6 consecutive components
0 mm to 5 mm
(0.0" to 0.197")
5.0 mm ± 0.5 mm
(0.197" ± 0.020")
52.4 mm + 1.5 mm/- 0.4 mm
(2.062" + 0.059"/- 0.016")
5.01 mm to 10 mm
(0.197" to 0.394")
10 mm ± 0.5 mm
(0.394" ± 0.020")
52.4 mm + 1.5 mm/- 0.4 mm
(2.062" + 0.059"/- 0.016")


Similar Part No. - P6KE440

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE440 PANJIT-P6KE440 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Nantong Hornby Electron...
P6KE440 HORNBY-P6KE440 Datasheet
349Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P6KE440 DACHANG-P6KE440 Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Littelfuse
P6KE440 LITTELFUSE-P6KE440 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
Cystech Electonics Corp...
P6KE440 CYSTEKEC-P6KE440 Datasheet
495Kb / 6P
   Transient Voltage Suppressors
More results

Similar Description - P6KE440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com