Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE400A Datasheet(PDF) 8 Page - Vishay Siliconix

Part # P6KE400A
Description  TRANSZORB Transient Voltage Suppressors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE400A Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button P6KE400A Datasheet HTML 4Page - Vishay Siliconix P6KE400A Datasheet HTML 5Page - Vishay Siliconix P6KE400A Datasheet HTML 6Page - Vishay Siliconix P6KE400A Datasheet HTML 7Page - Vishay Siliconix P6KE400A Datasheet HTML 8Page - Vishay Siliconix P6KE400A Datasheet HTML 9Page - Vishay Siliconix P6KE400A Datasheet HTML 10Page - Vishay Siliconix P6KE400A Datasheet HTML 11Page - Vishay Siliconix P6KE400A Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
1
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Packaging Information
Notes
(1) Formerly sold by Vishay Telefunken® (Telefunken® is a registered trademark of Electro Holding GmbH).
• “P” and bold letter denotes preferred package code.
• A “T” suffix added to the packaging codes for SMA, SMB and SMC products indicates that the patented folded-frame construction is used.
This does not apply to TR and TR3 codes or TRANSZORB® TVS in SMA and SMB.
PACKAGING ORDERING CODE
ANTI-STATIC
PACKAGE CODE
PREFERRED
PACKAGE CODE
PACKAGING DESCRIPTION
51
Bulk
52, 52T
P
DO-214AA (SMB)/DO-215AA (SMBG), 12 mm tape, 7" diameter plastic reel
2D
P
DO-218AB (SM5-8A), 24 mm tape, 13" diameter plastic reel, anode towards sprocket hole
2E
DO-218AB (SM5-8A), 24 mm tape, 13" diameter plastic reel, cathode towards sprocket hole
2M
Tube packaging for 5KP/6KA type lead formed components
2N
DO-218AB, 24 mm tape, 13 "diameter plastic reel with dry packaging, anode towards sprocket hole
53
26 mm horizontal taping and ammo box packaging
54
P
52.4 mm horizontal tape, 13" diameter paper reel
5A, 5AT
P
DO-214AC (SMA), 12 mm tape, 13" diameter plastic reel
5B, 5BT
P
DO-214AA (SMB)/DO-215AA (SMBG), 12 mm tape, 13" diameter plastic reel
5CA
P
DO-214BA (GF1), 12 mm tape, 13" diameter plastic reel
57, 57T
P
DO-214AB (SMC)/DO-215AB (SMCG), 16 mm tape, 7" diameter plastic reel
6A
P
DO-221AC (SlimSMA), 12 mm tape, 7"diameter plastic reel
6B
P
DO-221AC (SlimSMA), 12 mm tape, 13"diameter plastic reel
9A, 9AT
P
DO-214AB (SMC)/DO-215AB (SMCG), 16 mm tape, 13" diameter plastic reel
61, 61T
P
DO-214AC (SMA), 12 mm tape, 7" diameter plastic reel
67A
P
DO-214BA (GF1), 12 mm tape, 7" diameter plastic reel
72
P
Bulk pack for bridge and special axial-leaded formed devices
73
52.4 mm horizontal tape and ammo box packaging
77
P
DFS bridge, 16 mm tape, 13" diameter paper reel
80
P
TO-269AA (MB-S) bridge, 12 mm tape, 13" diameter paper reel
81
P
TO-263AB 24 mm tape, 13" diameter reinforced hub plastic reel
8A
P
SMPD, 24 mm tape, 13" diameter plastic reel
8W
P
TO-263AB (wire bond) 24 mm tape, 13" diameter reinforced hub plastic reel
83
P
DO-213AA (GL34) 8 mm tape, 13" diameter plastic reel
84A
P
DO-220AA (SMP) 12 mm tape, 7" diameter plastic reel
85A
P
DO-220AA (SMP) 12 mm tape, 13" diameter plastic reel
86A
P
TO-277A (SMPC), 12 mm tape, 7" diameter plastic reel
87A
P
TO-277A (SMPC), 12 mm tape, 13" diameter plastic reel
38
Lead forming bulk packaging in anti-static bags
89A
P
MicroSMP, 8 mm tape, 7" diameter plastic reel
90
Euroform, reel, cathode first off reel, lead coated
91
Euroform, ammo pack, cathode first out of ammo pack, lead coated
92
Euroform, reel, cathode last off reel, lead coated
93
Euroform, ammo pack, cathode last out of ammo pack, lead coated
45
P
Anti-static tube packaging for Bridge and Power Pack
4W
P
Anti-static tube packaging for wire bond TO-220, ITO-220, TO-262 and TO-263
96
P
DO-213AB (GL41), 12 mm tape, 7" diameter plastic reel
97
P
DO-213AB (GL41), 12 mm tape, 13" diameter plastic reel
98
P
DO-213AA (GL34), 8 mm tape, 7" diameter plastic reel
100
MPG06 pseudo radial tape, cathode first out of ammo pack
H
P
Tape in 7" diameter plastic reel
I
P
Tape in 13" diameter plastic reel
TR
P
DO-214AC (SMA), 12 mm tape, 7" diameter plastic reel (1)
TR3
P
DO-214AC (SMA), 12 mm tape, 13" diameter plastic reel (1)


Similar Part No. - P6KE400A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE400A MDE-P6KE400A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
P6KE400A CHONGQING-P6KE400A Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P6KE400A PANJIT-P6KE400A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE400A STMICROELECTRONICS-P6KE400A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
General Semiconductor
P6KE400A GE-P6KE400A Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE400A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com