Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMR250FTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZMR250FTA
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR250FTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZMR250FTA Datasheet HTML 1Page - Diodes Incorporated ZMR250FTA Datasheet HTML 2Page - Diodes Incorporated ZMR250FTA Datasheet HTML 3Page - Diodes Incorporated ZMR250FTA Datasheet HTML 4Page - Diodes Incorporated ZMR250FTA Datasheet HTML 5Page - Diodes Incorporated ZMR250FTA Datasheet HTML 6Page - Diodes Incorporated ZMR250FTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
3 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Electrical Characteristics (@TA = +25°C, I
O = 10mA, VIN = 7V, unless otherwise specified.)
ZMR330
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VO
Output Voltage
3.217
3.3
3.383
V
IO = 0 to 50mA
TJ = -55°C to +125°C
3.148
3.393
V
VIN = 5 to 24V
IO = 0 to 50mA
TJ = -55°C to +125°C
3.148
3.408
V
ΔVO
Line Regulation
VIN = 5 to 24V
5
15
mV
ΔVO
Load Regulation
IO = 0 to 50mA
IO = 0 to 10mA
20
13
30
mV
IS
Supply Current
TJ = -55°C to +125°C
120
170
µA
ΔIS
Supply Current
Change
IO = 0 to 50mA
VIN = 5 to 20V
5
2
10
10
µA
VN
Output Noise
Voltage
f = 10Hz to 10kHz
80
µVrms
ΔVIN/ΔVO
Ripple Rejection
VIN = 6 to 20V
f = 120Hz
55
dB
VIN
Input Voltage
Required to Maintain
Regulation
4.74
V
Electrical Characteristics (@TA = +25°C, I
O = 10mA, VIN = 10V, unless otherwise specified.)
ZMR500
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VO
Output Voltage
4.785
5
5.125
V
IO = 0 to 50mA
TJ = -55°C to +125°C
4.780
5.160
V
VIN = 7 to 25V
IO = 0 to 50mA
TJ = -55°C to +125°C
4.780
5.175
V
ΔVO
Line Regulation
VIN = 7 to 25V
5
15
mV
ΔVO
Load Regulation
IO = 0 to 50mA
IO = 0 to 10mA
25
15
40
mV
IS
Supply Current
TJ = -55°C to +125°C
50
70
µA
ΔIS
Supply Current
Change
IO = 0 to 50mA
VIN = 7 to 25V
1
2
±10
10
µA
VN
Output Noise
Voltage
f = 10Hz to 10kHz
90
µVrms
ΔVIN/ΔVO
Ripple Rejection
VIN = 8 to 18V
f = 120Hz
55
72
dB
VIN
Input Voltage
Required to Maintain
Regulation
6.2
V
ΔVOT
AverageTemperature
Coeffcient VO
IO = 5.0mA
TJ = -55°C to +125°C
0.275
0.700
mV/°C


Similar Part No. - ZMR250FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR250FTA ZETEX-ZMR250FTA Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR250FTA ZETEX-ZMR250FTA Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR250FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com