Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSAT600N8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZSAT600N8
Description  6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSAT600N8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZSAT600N8 Datasheet HTML 1Page - Diodes Incorporated ZSAT600N8 Datasheet HTML 2Page - Diodes Incorporated ZSAT600N8 Datasheet HTML 3Page - Diodes Incorporated ZSAT600N8 Datasheet HTML 4Page - Diodes Incorporated ZSAT600N8 Datasheet HTML 5Page - Diodes Incorporated ZSAT600N8 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATING
Input voltage
20V
Output Current(Io)
200mA
Operating Temperature
-55 to 125°C
Storage Temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SOT223
3W(Note 3)
TO92
600mW
SO8
780mW(Note 3)
ZSAT600
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
5.85
6
6.15
V
IO=1 to 200mA
Tj=-55 to 125°C
5.76
6.24
V
Vin=8 to 20V
IO=1 to 100mA
Tj=-55 to 125°C
5.76
6.24
V
∆V
O
Line Regulation
V
in=8 to 20V
1040mV
∆V
O
Load Regulation
I
O=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
Tj=-55 to 125°C
450
700
µA
∆l
q
Quiescent Current Change IO=1 to 200mA
Vin=8 to 20V
60
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10KHz
90
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=10 to 18V
f=120Hz-22KHz
62
dB
∆V
in /∆VO
Ripple Rejection
Vin=10 to 18V
f=200KHz
37
dB
V
in
Input Voltage Required
To Maintain Regulation
8
7.7
V
∆V
O/∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.18
mV/°C
VGI
Reverse Supply
Protection Diode Forward
Voltage
IGI=500mA
2
V
4-306


Similar Part No. - ZSAT600N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSAT600N8 ZETEX-ZSAT600N8 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSAT600N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT500 DIODES-ZSAT500 Datasheet
88Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com