Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX360 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX360
Description  NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX360 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX360 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR
HIGH SPEED SWITCHING TRANSISTOR
ISSUE 2 – MARCH 94
FEATURES
* 40 Volt VCEO
* 1 Amp continuous current
* Fast switching
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
500
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Emitter
Sustaining Voltage
VCEO(SUS) 40
V
IC=10mA, IB=0*
Collector Cut-Off
Current
ICBO
500
300
nA
µ
A
VCB=40V, IE=0
VCB=40V, IE=0, Tamb=150°C
Collector-Emitter
Saturation Voltage
VCE(sat)
0.6
V
IC=500mA, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.7
1.2
V
IC=500mA, IB=50mA*
Static Forward Current
Transfer Ratio
hFE
25
150
IC=500mA, VCE=1V*
Transition Frequency
fT
200
MHz
IC=50mA, VCE=10V,
f=100MHz
Input Capacitance
Cib
36
50
pF
VEB=0.5V, IC=0, f=1MHz
Output Capacitance
Cob
5.75
10
pF
VCB=10V, IE=0, f=1MHz
Turn-On Time
ton
40
ns
VCC=30V, IC=500mA,
IB(on)=50mA, -VBE(off)=2V
Turn-Off Time
toff
75
ns
VCC=30V, IC=500mA,
IB(on)=-IB(off)=50mA
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
E-Line
TO92 Compatible
ZTX360
3-166
C
B
E


Similar Part No. - ZTX360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTX360 ETC-ZTX360 Datasheet
35Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
More results

Similar Description - ZTX360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTX314 ETC-ZTX314 Datasheet
36Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
ZTX360 ETC-ZTX360 Datasheet
35Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
logo
Continental Device Indi...
CSL13003 CDIL-CSL13003 Datasheet
84Kb / 5P
   NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Rectron Semiconductor
CSL13003 RECTRON-CSL13003 Datasheet
517Kb / 5P
   NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Continental Device Indi...
CSL13002 CDIL-CSL13002 Datasheet
136Kb / 4P
   NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSD13002 CDIL-CSD13002 Datasheet
115Kb / 4P
   NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZTX320 ZETEX-ZTX320 Datasheet
55Kb / 2P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
Diodes Incorporated
ZTX320 DIODES-ZTX320 Datasheet
59Kb / 2P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
ZTX310 ETC2-ZTX310 Datasheet
206Kb / 4P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com