Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GBPC25
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC25 Datasheet(HTML) 2 Page - Vishay Siliconix

  GBPC25 Datasheet HTML 1Page - Vishay Siliconix GBPC25 Datasheet HTML 2Page - Vishay Siliconix GBPC25 Datasheet HTML 3Page - Vishay Siliconix GBPC25 Datasheet HTML 4Page - Vishay Siliconix GBPC25 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GBPC12, GBPC15, GBPC25, GBPC35
www.vishay.com
Vishay General Semiconductor
Revision: 21-Feb-14
2
Document Number: 88612
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) With heatsink
(2) Bolt down on heatsink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #10 screw
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
GBPC12, 15, 25, 35
UNIT
005
01
02
04
06
08
10
Maximum instantaneous
forward drop per diode
GBPC12
IF = 6.0 A
VF
1.1
V
GBPC15
IF = 7.5 A
GBPC25
IF = 12.5 A
GBPC35
IF = 17.5 A
Maximum reverse DC current at rated
DC blocking voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
500
Typical junction capacitance per diode
4 V, 1 MHz
CJ
300
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GBPC12, 15, 25, 35
UNIT
005
01
02
04
06
08
10
Typical thermal resistance
GBPC12 to GBPC25
RJC (1)
1.9
°C/W
GBPC35
1.4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GBPC1206-E4/51
15.79
51
100
Paper box
GBPC1506-E4/51
15.79
51
100
Paper box
GBPC2506-E4/51
15.79
51
100
Paper box
GBPC3506-E4/51
15.79
51
100
Paper box
GBPC1206W-E4/51
13.8
51
100
Paper box
GBPC1506W-E4/51
13.8
51
100
Paper box
GBPC2506W-E4/51
13.8
51
100
Paper box
GBPC3506W-E4/51
13.8
51
100
Paper box


Similar Part No. - GBPC25

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC25 SURGE-GBPC25 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
GBPC25 DIOTECH-GBPC25 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBPC25 ZOWIE-GBPC25 Datasheet
884Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBPC25 FAIRCHILD-GBPC25 Datasheet
41Kb / 3P
   12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC25 YANGJIE-GBPC25 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBPC25

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com