Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD254 Datasheet(PDF) 2 Page - RFHIC

Part # AD254
Description  Multi Tuner Set-Top Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD254 Datasheet(HTML) 2 Page - RFHIC

  AD254 Datasheet HTML 1Page - RFHIC AD254 Datasheet HTML 2Page - RFHIC AD254 Datasheet HTML 3Page - RFHIC AD254 Datasheet HTML 4Page - RFHIC AD254 Datasheet HTML 5Page - RFHIC AD254 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
AD254
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.3
Application Circuit @ 30 ~ 1000MHz, Vdd = +5V, 75ohm System
S-Parameter
Isolation
0.2
0.4
0.6
0.8
1.0
0.0
1.2
-10
-5
0
5
-15
10
-30
-20
-10
0
-40
10
Freq(GHz)
0.20.4
0.60.8
1.0
0.0
1.2
-40
-30
-20
-10
-50
0
Freq(GHz)
Noise Figure
1
2
3
4
5
6
30
200
400
600
800
1000
Freq(MHz)
S21
S22, S33
S11
Output to Output ISL
Input to Output ISL


Similar Part No. - AD254

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AD25 COOPER-AD25 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Guangzhou Reicu Electro...
AD25 REICU-AD25 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05 REICU-AD25-D05 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05-05 REICU-AD25-D05-05 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05-12 REICU-AD25-D05-12 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
More results

Similar Description - AD254

ManufacturerPart #DatasheetDescription
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
logo
ITT Industries
CCM01-MKI ITT-CCM01-MKI Datasheet
72Kb / 1P
   Set-Top Boxes Electronic Fund Transfer
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
   IPC systems, Set top boxes, Modems
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com