Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW025ACL-M Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # DW025ACL-M
Description  DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

DW025ACL-M Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button DW025ACL-M Datasheet HTML 3Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 4Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 5Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 6Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 7Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 8Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 9Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 10Page - Lineage Power Corporation DW025ACL-M Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lineage Power
Data Sheet
March 31, 2008
36 Vdc to 75 Vdc Input; 25 W
DW025 Triple Output-Series Power Modules:
Characteristic Curves (continued)
8-1103(C)
Figure 5. DW025ABK-M Typical Load Regulation
8-1104(C)
Figure 6. DW025ABK-M Typical Cross Regulation
with Respect to IO1
0.0
0.1
0.2
1.0
11.0
13.5
OUTPUT CURRENT, IO2 (A)
0.3
0.7
12.5
13.0
0.4
0.5
0.6
11.5
12.0
VI = 54 V, IO1 = 0.5 A, IO3 = 0.1 A
0.8
0.9
VI = 54 V, IO1 = 2.5 A, IO3 = 0.5 A
0
0.5
1.0
4.5
11.0
13.5
OUTPUT CURRENT, IO1 (A)
1.5
3.5
4.0
12.0
12.5
13.0
11.5
2.0
2.5
3.0
VI = 54 V, IO2 = IO3 = 0.5 A
VI = 54 V, IO2 = IO3 = 0.1 A
8-1105(C)
Figure 7. DW025ACL-M Typical Load Regulation
8-1106(C)
Figure 8. DW025ACL-M Typical Cross Regulation
with Respect to IO1
00.1
0.2
0.8
13.8
16.3
OUTPUT CURRENT, IO2 (A)
0.3
0.7
14.3
14.8
15.3
0.4
0.5
0.6
VI = 54 V, IO1 = 2.5 A, IO3 = 0.45 A
VI = 54 V, IO1 = 0.5 A, IO3 = 0.1 A
15.8
0.0
0.4
0.9
4.4
13.8
14.8
16.8
OUTPUT CURRENT, IO1 (A)
1.4
1.9
2.4
15.3
15.8
16.3
14.3
VI = 54 V, IO2 = IO3 = 0.45 A
2.9
3.4
3.9
VI = 54 V, IO2 = IO3 = 0.1 A
Note: Given the same load conditions, Output 3 has regulation characteristics similar to Output 2, except the
polarity is negative.


Similar Part No. - DW025ACL-M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DW025AA-M GE-DW025AA-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025AB-M GE-DW025AB-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025AF-M GE-DW025AF-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
More results

Similar Description - DW025ACL-M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
Freescale Semiconductor...
CC025ABK-M FREESCALE-CC025ABK-M Datasheet
832Kb / 20P
   CC025 Triple-Output-Series Power Modules: 18 Vdc to 36 Vdc Input; 25 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
   SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com