Electronic Components Datasheet Search |
|
ABH001-00 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
ABH001-00 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 12 page Appendix - 137 - www.nve.com phone: 952-829-9217 fax: 952-829-9189 Part Numbers and Marking Codes NVE’s part number format consists of two or three letters, then three numbers, a dash, and then two more numbers, and in some cases a final letter. Here is an example: AAH004-00E The meanings of the numbers and letters are defined as follows: First Two Letters General Part Description AA Analog output magnetometer or spin valve sensor AB Analog output gradiometer AD Digital output magnetometer AG Evaluation kit or printed circuit board assembly AK Digital output gradiometer BD Custom digital output magnetometer DB Digital input signal processing IC DC Voltage regulator DD Analog input signal processing IC Third Letter GMR Material Used In Product No third letter indicates NVE’s standard multilayer material H High sensitivity, high temperature multilayer material L Low hysteresis, high temperature multilayer material V Spin valve material with synthetic anti-ferromagnet pinning Three Digits Consecutive Part Number xxx Meaning for AD-Series parts is described in the GMR Switch section of this catalog; other products have numbers assigned consecutively with no meaning implied Two Digits After Dash Package Type -00 MSOP 8 pin package -01 Raw IC (die); available in diced wafer on blue tape or waffle pack form -02 SOIC 8 pin package -07 Non-semiconductor style package; used for eval kits and PCBs -10 TDFN6 2.5mm X 2.5mm 6 pin package -11 PLLP6 3.0mm X 3.0mm 6 pin package -12 TDFN SO8 4.9mm X 6.0mm 8 pin package Final Letter Consecutive Part Number E No final letter means a standard package; E means a lead-free package |
Similar Part No. - ABH001-00 |
|
Similar Description - ABH001-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |