Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACML-7410 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACML-7410
Description  3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACML-7410 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACML-7410 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACML-7400, ACML-7410 and ACML-7420
3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
ACML-7400, ACML-7410 and ACML-7420 are multi-channel
high speed CMOS digital isolators. Using magnetic
coupling through a thick insulation barrier, the isolators
enable high speed transmissions without compromise
in isolation performance. These isolators consume low
power even at high data rates, yet provide excellent
transient immunity performance in compact surface
mount packages. The devices are qualified to a maximum
propagation delay of 36 ns and a maximum pulse width
distortion of 3 ns. They are capable of running at a 100
MBaud data rate
ACML-7400, ACML-7410 and ACML-7420 are available in
16-pin SOIC wide-body packages. They operate at dual
3.3 V/5 V supply voltages. The DC and timing specifica-
tions are specified over the temperature range of -40° C
to +105° C. ACML-7400, ACML-7410 and ACML-7420 are
built using CMOS input buffers and CMOS output drivers
to eliminate the need for both input limiters and output
pull-up resistors. Refresh circuitry is built in to ensure
DC-correctness.
Applications
 Isolated data interfaces
 Data acquisition
 Digital oscilloscopes
 Power meters
 High speed video transmission
Features
 Dual supply voltage compatible – 3.3 V & 5 V
 Wide operating temperature range (-40° C to +105° C)
 Support high speed data rate of at least 100 MBd
 Lower power consumption – 15 mA per channel typical
 Low propagation delay: 36 ns max
 Low propagation delay skew
– Channel-to-channel: 4 ns max
– Part-to-part: 8 ns max
 Low pulse width distortion: 3 ns max
 Safety and Regulatory Approvals
UL Recognised
– 5600 VRMS for 1 min. per UL1577
– CSA Component Acceptance Notice #5
IEC 60950-1
– Basic Insulation, 800 VRMS max. working voltage
– Reinforced Insulation, 400 VRMS max. working
voltage
IEC 61010-1
– Basic Insulation, 800 VRMS max. working voltage
– Reinforced Insulation, 400 VRMS max. working voltage
IEC 60601-1
– 2 Means of Patient Protection, 250 VRMS max.
working voltage
– 2 Means of Operator Protectioin, 400 VRMS max.
working voltage
 High Common ModeTransient Immunity – 25 kV/s min
 CMOS buffer input and output
 DC correctness
 Lead-free
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACML-7410

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACML-7410 BOARDCOM-ACML-7410 Datasheet
849Kb / 14P
   3.3V/5V 100-MBd High-Speed CMOS Digital Isolator
More results

Similar Description - ACML-7410

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACML-7400 BOARDCOM-ACML-7400 Datasheet
849Kb / 14P
   3.3V/5V 100-MBd High-Speed CMOS Digital Isolator
logo
Texas Instruments
ISO721 TI-ISO721_10 Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 TI1-ISO721_1007 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO721M-EP TI-ISO721M-EP Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721 TI-ISO721 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1 TI-ISO721-Q1 Datasheet
379Kb / 19P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP_101 TI-ISO721M-EP_101 Datasheet
679Kb / 25P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP_10 Datasheet
640Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com