Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2106UB6Lxx Datasheet(PDF) 2 Page - Littelfuse

Part # A2106UB6Lxx
Description  SIDACtor Balanced Multiport Series - MS-013
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

A2106UB6Lxx Datasheet(HTML) 2 Page - Littelfuse

  A2106UB6Lxx Datasheet HTML 1Page - Littelfuse A2106UB6Lxx Datasheet HTML 2Page - Littelfuse A2106UB6Lxx Datasheet HTML 3Page - Littelfuse A2106UB6Lxx Datasheet HTML 4Page - Littelfuse A2106UB6Lxx Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
154
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Package
Symbol
Parameter
Value
Unit
Modified MS-013
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
60
°C/W
2
3
6
5
4
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
A
20
150
150
90
507575
45
7520
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
Electrical Characteristics (continued)
Thermal Considerations
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 A
I
H
I
S
I
T
Capacitance
V min
V max
V min
V max
V max
mA
min
mA
max
A
max
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
Pins 1-2, 3-2, 4-5, 6-5
P5106UALxx
P5106UA
420
600
420
600
8
150
800
2.2
See
Capacitance
Values Table
P1556UBLxx
P1556UB
130
180
130
180
8
150
800
2.2
P1806UBLxx
P1806UB
150
210
150
210
8
150
800
2.2
P2106UBLxx
P2106UB
170
250
170
250
8
150
800
2.2
P2356UBLxx
P2356UB
200
270
200
270
8
150
800
2.2
P2706UBLxx
P2706UB
230
300
230
300
8
150
800
2.2
P3206UBLxx
P3206UB
270
350
270
350
8
150
800
2.2
P3406UBLxx
P3406UB
300
400
300
400
8
150
800
2.2
P5106UBLxx
P5106UB
420
600
420
600
8
150
800
2.2
P1556UCLxx
P1556UC
130
180
130
180
8
150
800
2.2
P1806UCLxx
P1806UC
150
210
150
210
8
150
800
2.2
P2106UCLxx
P2106UC
170
250
170
250
8
150
800
2.2
P2356UCLxx
P2356UC
200
270
200
270
8
150
800
2.2
P2706UCLxx
P2706UC
230
300
230
300
8
150
800
2.2
P3206UCLxx
P3206UC
270
350
270
350
8
150
800
2.2
P3406UCLxx
P3406UC
300
400
300
400
8
150
800
2.2
P5106UCLxx
P5106UC
420
600
420
600
8
150
800
2.2
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (some are asymmetrical).
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - A2106UB6Lxx

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UB6LXX LITTELFUSE-A2106UB6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
A2106UB6LXX LITTELFUSE-A2106UB6LXX Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results

Similar Description - A2106UB6Lxx

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3206UCLRP LITTELFUSE-P3206UCLRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com