Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW4-14-50 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BPW4-14-50
Description  BIAS Power Supply Module BPW 4 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPW4-14-50 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BPW4-14-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPW4-14-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPW4-14-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPW4-14-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BPW 4 Series Data Sheet, Page 3 of 3
BIAS Power
Revised 08/22/2011
www.biaspower.com
Specifications subject to change
BIAS Power Supply Module
BPW 4 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPW 4-08-00, -08-33, -08-50
BPW 4-14-00, -14-33, -14-50
BPW 4-24-00
Part Number Designation
Part Number
Output Configuration
Vo
Vr
BPW 4-08-00
Single output
8 VDC
N/A
BPW 4-14-00
Single output
14 VDC
N/A
BPW 4-14-33
Dual Output
14 VDC
3.3 VDC
BPW 4-14-50
Dual Output
14 VDC
5.0 VDC
BPW 4-08-33
Dual Output
8 VDC
3.3 VDC
BPW 4-08-50
Dual Output
8 VDC
5.0 VDC
BPW 4-24-00
Single Output
24 VDC
N/A
For custom configurations, contact BIAS Power
Recommended Land Pattern, top view
Pin
Description
L1
Input High
L2
Input Low
N/C
No Connection
Vo
Output
GND
Ground
Vr
Vr Output
N/C
No Connection
NOTES
1.
Pins 0.031” [0.787 mm] round
2.
Pins extend 0.125” [3.175 mm]
below stand-offs
Isolation, bottom view


Similar Part No. - BPW4-14-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW40 ETC1-BPW40 Datasheet
377Kb / 5P
   SILICON NPN EPITAXIAL PHOTOTRANSISTOR
logo
Vishay Siliconix
BPW41 VISHAY-BPW41 Datasheet
72Kb / 5P
   Silicon PIN Photodiode
Rev. 2, 20-May-99
logo
Zetex Semiconductors
BPW41 ZETEX-BPW41 Datasheet
97Kb / 2P
   SILICON PIN PHOTO DIODES
BPW41C ZETEX-BPW41C Datasheet
97Kb / 2P
   SILICON PIN PHOTO DIODES
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
More results

Similar Description - BPW4-14-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX4-08-00 ETC2-BPWX4-08-00 Datasheet
843Kb / 3P
   BIAS Power Supply Module BPWX 4 Series
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
List of Unclassifed Man...
BPW2-08-00 ETC2-BPW2-08-00 Datasheet
286Kb / 6P
   BIAS 2 Watt Power Supply BPW 2 Series Data Sheet
Revised 01/26/2011
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
   BIAS 2 Watt Power Supply BPS 2 Series
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPWX1-08-00 ETC2-BPWX1-08-00 Datasheet
835Kb / 3P
   BIAS 1 Watt Power Supply BPWX 1 Series
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
   BIAS 2 Watt Power Supply BPWX 2 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com