Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1700BB10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F1700BB10
Description  F1700/F1799 RFI Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1700BB10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F1700BB10 Datasheet HTML 1Page - List of Unclassifed Manufacturers F1700BB10 Datasheet HTML 2Page - List of Unclassifed Manufacturers F1700BB10 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
1-800-657-0853
Dimensions are in inches and millimeters
unless otherwise specified.
Values in parentheses are metric equivalents.
23
Amps
A
B
C
D
E
3A
2.750
(69,8)
1.750
(44,4)
1.125
(28,5)
2.375
(60,3)
2.000
(50,8)
6A
3.312
(84,1)
2.000
(50,8)
1.125
(28,5)
2.940
(74,7)
2.500
(63,5)
10A
3.312
(84,1)
2.000
(50,8)
1.500
(38,1)
2.940
(74,7)
2.500
(63,5)
Amps
A
B
C
D
E
3A
2.000
(50,8)
2.000
(50,8)
1.500
(38,1)
.550
(14,0)
.565
(14,3)
6A
2.500
(63,5)
2.000
(50,8)
1.500
(38,1)
.550
(14,0)
.565
(14,3)
10A
2.500
(63,5)
2.000
(50,8)
1.500
(38,1)
.550
(14,0)
.565
(14,3)
Amps
A
B
C
D
E
F
3A
2.750
(69,8)
1.750
(44,4)
1.125
(28,5)
2.375
(60,3)
2.000
(50,8)
.550
(14,0)
6A
3.312
(84,1)
2.000
(50,8)
1.125
(28,5)
2.940
(74,7)
2.500
(63,5)
.550
(14,0)
10A
3.312
(84,1)
2.000
(50,8)
1.500
(38,2)
2.940
(74,7)
2.500
(63,5)
.550
(14,0)
20A
See 1700DD20 for Case Dimensions
F1700AA, 1710, 1720, 1740 (3, 6 and 10Amp) Dimensions
F1700BB (3, 6 and 10Amp) Dimensions
F1700CA
(3, 6 and
10Amp)
Dimensions
F1700DD20 (20Amp) Dimensions
No. 18 Gauge Wire
A
D
B
E
C
4.00 Min.
(101,6)
.250
±.062
(6,35)
Type.
.188 Dia.
(4.77)
2 Holes
L
I
N
E
L
O
A
D
F1700DD30
(30Amp)
Dimensions
F1799DD (30Amp) Dimensions
Terminals
No. 8-32 (5)
(4) .250 x .156
(6,35)
(3,95)
1.520
(38,6)
5.075
(128,9)
2.000
(50,8)
3.312
(84,1)
4.140
(105,2)
3.750
(95,2)
L
I
N
E
L
O
A
D
A
D
E
F
F
C
.250 QC
(6,4)
L
I
N
E
L
O
A
D
B
.625
(15,87)
2.000
(50,8)
.625
(15,87)
1.500
(38,1)
2.940
(74,7)
3.312
(84,1)
2.500
(63,5)
(5) No. 8-32 Studs
.188 Dia.
(4.77)
2 Holes
L
I
N
E
L
O
A
D
Also Available
with .250” Quick
Connect Terminals
A
D
C
E
B
(2) No. 6-32
UNC2B
L
I
N
E
L
O
A
D
Refer to Page 40
for Standard
Mounting Cutouts
#8-32 SCREW
TERMINAL
50.8 (2.00)
SLOTTED HOLE,
6.4(.25)X4.0(.16)
3.96
(110,6)
3.5
(88,90)
5.95
(151,1)
3.12
(79,2)
2.18
(55,4)


Similar Part No. - F1700BB10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1701 IDT-F1701 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
More results

Similar Description - F1700BB10

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
   surface Mountable RFI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
Schaffner International...
FN-2410 SCHAFFNER-FN-2410 Datasheet
480Kb / 4P
   EMC/RFI Filters for Industrial Electronics
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
3AYO1 MACOM-3AYO1_1 Datasheet
323Kb / 2P
   Lower Current Three Phase RFI Filters
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com