Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPS2-08-33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BPS2-08-33
Description  BIAS 2 Watt Power Supply BPS 2 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPS2-08-33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BPS2-08-33 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPS2-08-33 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPS2-08-33 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPS2-08-33 Datasheet HTML 4Page - List of Unclassifed Manufacturers BPS2-08-33 Datasheet HTML 5Page - List of Unclassifed Manufacturers BPS2-08-33 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BPS 2 Series Data Sheet, Page
1 of 5
BIAS Power
Revised 01/26/2011
www.biaspower.com
Specifications subject to change
BIAS 2 Watt Power Supply
BPS 2 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPS 2-08-00, -08-33, -08-50
BPS 2-14-00, -14-33, -14-50
BPS 2-24-00
Features
Universal Input (85-265 VAC, 50/60Hz)
Small Size—0.87in
3 [14.3cm3]
Low no-load input power <30mW
Constant power mode, not current limit
3000 VAC Isolation
Up to 75% efficiency
EN 55022, Class B; FCC Part 15, Class B
Meets UL/CSA and EN Product Safety (ITE)
The BPS Power Supply Module is an ideal solution for numerous con-
trol applications in lighting, sensing, smart building/home and power
distribution. This low-cost supply provides up to two watts of output
power at 8, 14 or 24VDC (Vo) and an optional 3.3 or 5 VDC (Vr) out-
put for logic functions such as a microprocessor, logic, timing circuits,
transceivers or sensors. A patented design incorporating a custom
integrated circuit into a small package (0.87 in
3 [14.3 cm3]) the BIAS
Module provides an immediate “drop-in” solution, requiring no addi-
tional external components.
Operating Specifications
(@120VAC / 60 Hz / 25°C unless otherwise specified)
Electrical
Input Voltage Range
85 - 265 VAC (50/60Hz)
Input Surge Withstand
308V, < 30 sec
Output Power (Pmax)
2.0 W min. (60Hz)
1.67 W min. (50Hz)
Efficiency
70% nom.
Output Vo (Peak)
8, 14 or 24 VDC nom. +/- 5%
Line / Load Regulation Vo (Peak)
+/- 1% Po < Pmax
Temperature Regulation Vo (Peak)
+/- 2% Po < Pmax
Ripple Vo (@120 Hz)
(@ 100 kHz)
1.00 V p:p
0.25 V p:p
Output Vr, 3.3 volt (+/- 5%)
For Vo = 8V, Ir out 160mA max, Io+Ir ≤ 250mA*
For Vo = 14V, Ir out 70mA max, Io+Ir ≤ 143mA*
No-load Consumption
30 mW typical @ Vin=120 VAC
Isolation
3000 VAC (meets UL / CSA & EN Product Safety)
Earth Leakage @ 120 VAC
< 10 uA
Short Circuit Protection
Continuous, Pin ≤ 0.6 w @ Vin = 120 VAC
Reliability @ 25° C, MIL HDBK-217F
> 500 Khr MTBF
Thermal
Operating Temperature
-30 to +70° C
Operating Relative Humidity
0 – 95%, non-condensing
Storage Temperature
-40 to +105° C
Mechanical
Package Size
(L x W x H)
1.35 x 1.12 x 0.58 inches
[34.214 x 28.372 x 14.757 mm]
Safety
Safety Compliance
UL / EN 60950-1 2nd Ed. (CB Report Available)
EMI Emissions
EN 55022, Class B, FCC Part 15, Class B
Output Vr, 5.0 volt (+/- 5%)
For Vo = 8V, Ir out 250mA max, Io+Ir ≤ 250mA*
For Vo = 14V, Ir out 83mA max, Io+Ir ≤ 143mA*
Actual Size
Bias Power AC/DC power supplies are designed to be
applied in two major categories of applications…
Auxiliary, where the Bias supply is one of two or more sup-
plies and provides power for standby, housekeeping, bias-
ing or other requirements. Generally, these supply 3.3V or
5.0V requirements from the Vr output. In some cases a
small amount of Vo power is used.
Second is as a main or utility supply where Bias is the only
supply and provides all power necessary for the product or
system. Both Vr and Vo supplies are often utilized for opti-
mum system performance.
The characteristics of the Vo and Vr outputs are different
and each has application-specific benefits which can pro-
vide high value to the system designer.
Vo is a voltage-regulated output which has a constant
power mode instead of a conventional current limit. This
output is best suited to drive mechanical relays, solenoids,
SSRs, capacitive loads, indicating lights, LEDs and as a
source for isolated DC utility power which may be used
directly or post-regulated with either a linear regulator or a
DC/DC converter. Vo is self protecting, cannot be over-
loaded and can be shorted indefinitely. The graceful transi-
tion from voltage regulation to constant power along with
the wide range of product ratings, allows the designer to
select a supply tightly matched to the design load. There is
no need to oversize a Bias Power supply. Unlike design-
your-own, or partially complete modules where significant
design margin is required, to stay far away from current
limit, Bias’s constant power alternative requires no such
over-spec’ing.
Vr is also a voltage-regulated output and is thermally pro-
tected from overload. It has very low output ripple capable
of driving microprocessors , logic, transceivers, sensors and
other elements which require a low-noise, tightly-regulated
supply. In addition, Vr is supplied internally by Vo. This
means that any capacitance added to Vo can increase the
hold-up time of Vr as well.
*Note: maximum currents specified for constant voltage
range only. See V-I curve on page 2 for Vo in constant
power range.


Similar Part No. - BPS2-08-33

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS2.3-12 BB-BATTERY-BPS2.3-12 Datasheet
127Kb / 1P
   Maintenance Free(topping up not needed)
BPS20-12 BB-BATTERY-BPS20-12 Datasheet
127Kb / 1P
   Maintenance Free(topping up not needed)
logo
List of Unclassifed Man...
BPS200 ETC1-BPS200 Datasheet
136Kb / 2P
   Standby Supply Module
logo
B. B. Battery Co., Ltd.
BPS200-12 BB-BATTERY-BPS200-12 Datasheet
166Kb / 1P
   VRLA Rechageable Battery
logo
List of Unclassifed Man...
BPS200A-0600 ETC1-BPS200A-0600 Datasheet
136Kb / 2P
   Standby Supply Module
More results

Similar Description - BPS2-08-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
   BIAS 2 Watt Power Supply BPWX 2 Series
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
logo
DB Lectro Inc
BPS-2 DBLECTRO-BPS-2 Datasheet
71Kb / 1P
   BPS-2
logo
List of Unclassifed Man...
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com