Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM5210 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXBM5210
Description  REVERSIBLE DC MOTOR DRIVE WITH SPEED CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXBM5210 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXBM5210 Datasheet HTML 6Page - Diodes Incorporated ZXBM5210 Datasheet HTML 7Page - Diodes Incorporated ZXBM5210 Datasheet HTML 8Page - Diodes Incorporated ZXBM5210 Datasheet HTML 9Page - Diodes Incorporated ZXBM5210 Datasheet HTML 10Page - Diodes Incorporated ZXBM5210 Datasheet HTML 11Page - Diodes Incorporated ZXBM5210 Datasheet HTML 12Page - Diodes Incorporated ZXBM5210 Datasheet HTML 13Page - Diodes Incorporated ZXBM5210 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZXBM5210
Document number: DS36765 Rev. 1 - 2
10 of 17
www.diodes.com
December 2013
© Diodes Incorporated
ZXBM5210
Typical Operating Characteristics
Output PWM Duty in PWM Speed Control Mode
Output PWM Duty in VREF Speed Control Mode
PWM Oscillator Frequency
0
10
20
30
40
50
60
70
80
90
100
0
1020
304050
607080
90
100
Input PWM Duty (%)
Output PWM Duty vs Input PWM Duty
12V
3V
18V
TA = 25oC, Mode A PWM, Input PWM Frequency 25kHz
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
VREF/VDD Ratio
OutputPWM Duty vs VREF/VDD Ratio
12V
3V
18V
TA = 25oC, VREF Mode, No Load
20
22
24
26
28
30
2
4
6
8
10
12
14
16
18
20
Supply Voltage (V)
PWM Oscillator Frequency vs. Supply Voltage
TA = 25oC
20
22
24
26
28
30
-50
-25
0
25
50
75
100
125
Temperature (°C)
PWM Oscillator Frequency vs. Temperature
12V
3V
18V


Similar Part No. - ZXBM5210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5408Q-N-U DIODES-ZXBM5408Q-N-U Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5408Q-S14-13 DIODES-ZXBM5408Q-S14-13 Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
ZXBM5409Q-N-U DIODES-ZXBM5409Q-N-U Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
More results

Similar Description - ZXBM5210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5341 PHILIPS-TDA5341 Datasheet
169Kb / 28P
   Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
logo
Fairchild Semiconductor
UA7392 FAIRCHILD-UA7392 Datasheet
301Kb / 6P
   DC MOTOR SPEED CONTROL CIRCUIT
UA7391 FAIRCHILD-UA7391 Datasheet
442Kb / 10P
   DC MOTOR SPEED CONTROL CIRCUIT
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
logo
Rohm
BA6886 ROHM-BA6886 Datasheet
509Kb / 9P
   30-V dc reversible-motor driver
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
   MOTOR SPEED CONTROL
M51970L MITSUBISHI-M51970L Datasheet
71Kb / 4P
   MOTOR SPEED CONTROL
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com