Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXFBF04 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXFBF04
Description  4 Channel Buffer Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFBF04 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXFBF04 Datasheet HTML 1Page - Diodes Incorporated ZXFBF04 Datasheet HTML 2Page - Diodes Incorporated ZXFBF04 Datasheet HTML 3Page - Diodes Incorporated ZXFBF04 Datasheet HTML 4Page - Diodes Incorporated ZXFBF04 Datasheet HTML 5Page - Diodes Incorporated ZXFBF04 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 2 - OCTOBER 2000
4
C
V-
RL
+
_
1/4 ZXFBF04
V+
100nF
100nF
RS
Vout
Vin
APPLICATION CIRCUIT
AC Coupled Configuration
NOTE.
Rs: Source Resistor, provides DC bias for buffer input. Rs
10k
Both 100nF decoupling capacitors should be situated close to device supply pins.
TYPICAL CHARACTERISTICS
0.1
1
10
-100
-90
-80
-70
-60
-50
-40
-50
-25
0
255075
100
0.986
0.987
0.988
0.989
0.990
0.991
Channel Isolation v Frequency
Frequency (MHz)
RL =1k
V+=5V
DC Differential Gain v Temperature
Temperature (°C)
ZXFBF04


Similar Part No. - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
   4 Channel Buffer Device
ZXFBF04N14 ZETEX-ZXFBF04N14 Datasheet
258Kb / 6P
   4 Channel Buffer Device
ZXFBF04N14TA ZETEX-ZXFBF04N14TA Datasheet
258Kb / 6P
   4 Channel Buffer Device
ZXFBF04N14TC ZETEX-ZXFBF04N14TC Datasheet
258Kb / 6P
   4 Channel Buffer Device
More results

Similar Description - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
   4 Channel Buffer Device
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
   8 Channel Buffer Device
logo
Zetex Semiconductors
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
   8 Channel Buffer Device
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
logo
Diodes Incorporated
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Advanced Analog Technol...
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
[Old version datasheet]   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com