Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G131PU001S Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # G131PU001S
Description  Pigtailed 14-PIN DIL Laser Diode with TEC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G131PU001S Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  G131PU001S Datasheet HTML 1Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 2Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 3Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 4Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
02.04.2012
G131PU001S
5 of 5
 Bending diameter of the fiber cannot be allowed to be less than 4cm. When bending the fiber,
please make sure the starting point is away larger than 4cm from the fiber root. When moving
the laser, please don`t directly use fiber (yellow part). Not obeying these rules may cause
fracture of the laser fiber from the root.
 Make sure that the module and the fiber are in the same plane.
Cooling system
High-power semiconductor Laser Diodes are temperature-sensitive devices. High temperature will
affect its performance. Its lifetime may also be shortened by working at high temperature. So the
generated heat must be removed in time when the LD is working. Water cooling system or TEC
system is recommended for keeping the LD working at appropriate temperature.
Laser safety instructions
High power laser diodes are high energy laser devices. It is harmful to human body and health.
Any personnel working with or around open lasers must be aware of the following:
• Exposure to the laser beam may cause physical burns and can cause severe eye damage.
Proper eye protection should be used at all times. All eye protection should be appropriate for
the radiation wavelength generated by the laser in use.
• Exposure to the laser beam may cause ignition of volatile or combustible materials.
• Never look directly into the laser output port.
• Interlock all rooms in which open beams may be present and post appropriate warnings on or
near the doors. Access to these rooms should be limited to properly trained technicians when
lasers are in use.
• Use appropriate protective coverings over all beam paths whenever possible.
• Lasers and optical elements should be positioned to keep the beam and reflections below eye
level.
Bending diameter D:
D
≥4cm
Fiber root
Fiber protection case


Similar Part No. - G131PU001S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1311 ETC2-G1311 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1311 ETC2-G1311 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1311 HEYCO-G1311 Datasheet
92Kb / 1P
   Rubber Grommets
logo
List of Unclassifed Man...
G1312 ETC2-G1312 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1312 ETC2-G1312 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
More results

Similar Description - G131PU001S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
SPL405-50-50M ROCHESTER-SPL405-50-50M Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-40-105M-PD ROCHESTER-SPL785-40-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com