Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G131PU001S Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # G131PU001S
Description  Pigtailed 14-PIN DIL Laser Diode with TEC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G131PU001S Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  G131PU001S Datasheet HTML 1Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 2Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 3Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 4Page - Roithner LaserTechnik GmbH G131PU001S Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
02.04.2012
G131PU001S
3 of 5
Typical Performance Curves
Notes
1. Laser beam is harmful especially for your eyes. Don't look at the laser beam directly.
2. Lifetime of the diode laser varied with the operating temperature inversely. We advise that
the TEC cooler should be used to keep the temperature suitable.
3. For turning on the diode laser, please increase the current gradually to the specified
operating value. For shutting down the diode laser, please decrease the current to zero
gradually, and then turn off the power.
4. Please wear static proof bracelet when operating.
5. Please connect the pins of the diode laser correctly as the picture shown in the manual.
6. The operating current must less than the rated current. Otherwise the diode laser should
be damaged.
7. The fiber facet should be keep clean before the diode laser is operating.
8. Please use the constant-current source to avoid the surge.
9. Diode laser should be short circuit when stop using.
10. Bend diameter of the fiber must be larger than 4cm temporarily and 8cm permanently.


Similar Part No. - G131PU001S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1311 ETC2-G1311 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1311 ETC2-G1311 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1311 HEYCO-G1311 Datasheet
92Kb / 1P
   Rubber Grommets
logo
List of Unclassifed Man...
G1312 ETC2-G1312 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1312 ETC2-G1312 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
More results

Similar Description - G131PU001S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
SPL405-50-50M ROCHESTER-SPL405-50-50M Datasheet
165Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-40-105M-PD ROCHESTER-SPL785-40-105M-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com