Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TO-263AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TO-263AB
Description  Dual Common Cathode Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-263AB Datasheet(HTML) 2 Page - Vishay Siliconix

  TO-263AB Datasheet HTML 1Page - Vishay Siliconix TO-263AB Datasheet HTML 2Page - Vishay Siliconix TO-263AB Datasheet HTML 3Page - Vishay Siliconix TO-263AB Datasheet HTML 4Page - Vishay Siliconix TO-263AB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
U20xCT-E3, UB20xCT-E3
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
2
Document Number: 89017
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode (1)
IF = 5.0 A
TJ = 25 °C
VF
0.854
-
V
IF = 10 A
0.931
1.00
IF = 5.0 A
TJ = 100 °C
0.760
-
IF = 10 A
0.834
0.91
Reverse current per diode (2)
rated VR
TJ = 25 °C
IR
1.2
15
μA
TJ = 100 °C
120
500
Reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
26
35
ns
Reverse recovery time per diode
IF = 10 A, dIdt = 20 A/μs,
VR = 200 V, Irr = 0.1 IRM
trr
73
80
ns
Stored charge per diode
Qrr
30
-
nC
Forward recovery time per diode
IF = 10 A, dI/dt = 80 A/μs,
VF = 1.1 x VF max.
tfr
160
-
ns
Peak forward voltage per diode
VFP
2.6
-
V
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U20xCT
UB20xCT
UNIT
Typical thermal resistance per diode
RJC
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
U20DCT-E3/4W
1.87
4W
50/tube
Tube
TO-263AB
UB20DCT-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
UB20DCT-E3/8W
1.37
8W
800/reel
Tape and reel
20
24
16
12
8
4
0
0
25
50
75
100
125
150
175
Case Temperature (°C)
Resistive or Inductive Load
U20xCT
UB20xCT
12
10
8
6
4
2
0
0
2
4
6
8
10
12
Average Forward Current (A)
D = 0.1
D = 0.3
D = 0.5 D = 0.8
D = 1.0
D = 0.2
D = t
p/T
t
p
T


Similar Part No. - TO-263AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TO-263AB VISHAY-TO-263AB Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
logo
Kersemi Electronic Co.,...
TO-263AB KERSEMI-TO-263AB Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
TO-263AB VISHAY-TO-263AB Datasheet
147Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 07-Nov-07
logo
Kersemi Electronic Co.,...
TO-263AB KERSEMI-TO-263AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
Vishay Siliconix
TO-263AB VISHAY-TO-263AB Datasheet
240Kb / 9P
   Packaging Information
Revision: 01-Feb-13
More results

Similar Description - TO-263AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 27-Aug-08
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-15
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 23-Feb-16
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG18ACT VISHAY-UG18ACT Datasheet
157Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com