Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGQFN28 Datasheet(PDF) 11 Page - Roithner LaserTechnik GmbH

Part # HGQFN28
Description  3 A LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HGQFN28 Datasheet(HTML) 11 Page - Roithner LaserTechnik GmbH

Back Button HGQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 11Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 12Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 13Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 14Page - Roithner LaserTechnik GmbH HGQFN28 Datasheet HTML 15Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
iC-HG
3 A LASER SWITCH
Rev B2, Page 11/20
THERMAL SHUTDOWN
iC-HG is protected by an integrated thermal shutdown
feature. When the shutdown temperature is reached
all channels are disabled. Falling temperature after
this shutdown will unconditionally enable all channels
again. Necessary precaution to prevent damage of the
laser may be to also disable any external control cir-
cuits for the laser output power or current control dur-
ing thermal shutdown. The error signal at pin NER can
be used to e.g. disable the control circuit.
APPLICATION EXAMPLES
10μF
AGND5
10nF
CI
&
100nF
Power &
CI
LDK6
CLDA1
CVDD3
CVDD2
10nF
+
100μF
CVDD3
CI6
EN5
AGND6
EN6
10K
CVDD2
..12V
ELVDS
CI3
EN3
EN4
40%
100
&
EN1
AGND1
EN2
CI
VDD
AGND3
LDK3
60%
AGND2
iC-HG
CVDD1
NER
&
CLDA3
100nF
LDK4
80%
LDK1
10μF
GND
LDK2
100nF
10nF
CLDA1
10μF
100μF
3..5.5V
20%
CI1
-
10nF
CLDA2
LDK5
AGND4
NERROR
CI4
Monitor
RNER
10nF
CI5
10nF
10K
&
RNER
RLVDS
CLDA3
100nF
Temperature
CLDA4
CLDA4
CVDD1
RLVDS
EN-LVDS
10μF
CLDA2
VDD
100
EN+LVDS
CI2
Figure 9: 1 channel LVDS fast


Similar Description - HGQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_11 Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com