Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2AM832TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN2AM832TC
Description  DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2AM832TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN2AM832TC Datasheet HTML 1Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 2Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 3Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 4Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 5Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 6Page - Diodes Incorporated ZXMN2AM832TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMN2AM832
ISSUE 3 - JANUARY 2005
4
SEMICO NDUC TORS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
20
V
ID=250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
AVDS=20V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±12V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
0.7
V
I
D
=250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
0.09
0.12
0.30
VGS=4.5V, ID=4A
VGS=2.5V, ID=1.5A
Forward Transconductance
(3)
gfs
6.2
S
VDS=10V,ID=4A
DYNAMIC
(3)
Input Capacitance
Ciss
299
pF
VDS=15 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
60
pF
Reverse Transfer Capacitance
Crss
33
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
2.31
ns
VDD =10V, ID=4A
RG≅6.0 ,VGS=5V
Rise Time
tr
2.60
ns
Turn-Off Delay Time
td(off)
1.55
ns
Fall Time
tf
1.31
ns
Total Gate Charge
Qg
3.1
nC
VDS=10V,VGS=4.5V,
ID=4A
Gate-Source Charge
Qgs
0.7
nC
Gate-Drain Charge
Qgd
1.0
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
0.9
0.95
V
TJ=25°C, IS=3.2A,
VGS=0V
Reverse Recovery Time
(3)
trr
23
ns
TJ=25°C, IF=4A,
di/dt= 100A/ s
Reverse Recovery Charge
(3)
Qrr
5.65
nC
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
NOTES
(1) Measured under pulsed conditions. Width
300 s. Duty cycle
2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
Not Recommended for New Design
Please Use ZXMN2AMCTA


Similar Part No. - ZXMN2AM832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2AM832TC ZETEX-ZXMN2AM832TC Datasheet
204Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2AM832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
   20V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2025UFDB DIODES-DMN2025UFDB Datasheet
485Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com