Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD100APQ16 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXRD100APQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD100APQ16 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXRD100APQ16 Datasheet HTML 1Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 2Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 3Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 4Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 5Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
-40
-20
0
20
40
60
80
100
Temperature (°C)
1.23
1.235
1.24
1.245
1.25
VFB v Temperature
VIN=5V
VOUT=3.3V
46
8
10
12
14
16
18
VIN (V)
1.236
1.238
1.24
1.244
VFB v VIN
20
1.242
VOUT=3.3V
46
8
10
12
14
16
18
VIN (V)
0.99
1.00
1.01
Normalised LBSET v VIN
20
1.02
-40
-20
0
20
40
60
80
100
Temperature (°C)
0.995
1.000
1.005
Normalised LBSET v Temperature
VIN=5V
-40
-20
0
20
40
60
80
100
Temperature (°C)
190
195
200
205
210
FOSC v Temperature
VIN=5V
C3=330pF
46
8
10
12
14
16
18
VIN (V)
198
199
200
202
FOSC v VIN
20
201
197
C3=330pF
TYPICAL CHARACTERISTICS
ZXRD1000 SERIES
ISSUE 4 - OCTOBER 2000


Similar Part No. - ZXRD100APQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD100APQ16 ZETEX-ZXRD100APQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD100APQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com