Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRD100APQ16 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRD100APQ16
Description  HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRD100APQ16 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRD100APQ16 Datasheet HTML 1Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 2Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 3Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 4Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 5Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 6Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 7Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 8Page - Diodes Incorporated ZXRD100APQ16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
Input without bootstrap (P suffix)
20V
Input with bootstrap(N suffix)
10V
Bootstrap voltage
20V
Shutdown pin
VIN
LBSET pin
VIN
RSENSE+, RSENSE -
VIN
Power dissipation
610mW (Note 4)
Operating temperature
-40 to +85°C
Storage temperature
-55 to +125°C
2
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN(min)
Min. Operating Voltage
No Output Device
4.5
V
VFB
(Note 1)
Feedback Voltage
VIN=5V,IFB=1mA
1.215
1.24
1.265
V
4.5<VIN<18V
1.213
1.24
1.267
V
50
µA<I
FB<1mA,VIN=5V
1.215
1.24
1.265
V
TDRIVE
Gate Output Drive Capability
CG=2200pF(Note 2)
CG=1000pF
VIN=4.5V to maximim
supply (Note 3)
60
35
ns
ns
ICC
Supply Current
VIN=5V
1620mA
Shutdown Current
VSHDN = 0V;VIN=5V
15
50
µA
fosc
(Note 5)
Operating frequency range
Frequency with timing capacitor C3=1300pF
C3=330pF
50
50
200
300
kHz
fosc(tol)
Oscillator Tol.
±25
%
DC MAX
Max Duty Cycle
N Channel
P Channel
15
0
94
100
%
%
VRSENSE
RSENSE voltage differential
-40 to +85°C
50
mV
VCMRSENSE Common mode range of VRSENSE
-40 to +85°C
2
VIN
V
LBFSET
Low Battery Flag set voltage
1.5
VIN
V
LBFOUT
Low Battery Flag output
Active Low
0.2
0.4
V
LBFHYST
Low Battery Flag Hysteresis
10
20
50
mV
LBFSINK
Low Battery Flag Sink Current
-40 to +85°C
2
mA
VSHDN
Shutdown Threshold Voltage
Low(off)
High(on)
1.5
0.25
V
V
ISHDN
Shutdown Pin Source Current
10
µA
ISSUE 4 - OCTOBER 2000
Note 1. VFB has a different function between fixed and adjustable controller options.
Note 2. 2200pF is the maximum recommended gate capacitance.
Note 3. Maximum supply for P phase controllers is 18V,maximum supply for N phase controllers is 10V.
Note 4. See VIN derating graph in Typical Characteristics.
Note 5. The maximum frequency in this application is 300kHz. For higher frequency operation contact Zetex
Applications Department.
ZXRD1000 SERIES


Similar Part No. - ZXRD100APQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD100APQ16 ZETEX-ZXRD100APQ16 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
More results

Similar Description - ZXRD100APQ16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Maxim Integrated Produc...
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com