Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-M0603NPO2R4-50TRPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC-M0603NPO2R4-50TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-M0603NPO2R4-50TRPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC-M0603NPO2R4-50TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC-M0603NPO2R4-50TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC-M0603NPO2R4-50TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC-M0603NPO2R4-50TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-M0603NPO2R4-50TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC-M0603NPO2R4-50TRPF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC-M Series
FEATURES
• LOWER ESR - HIGH Q at HIGH FREQUENCY
• STABLE NPO CHARACTERISTICS OVER TEMPERATURE AND VOLTAGE
• EIA 0201, 0402 AND 0603 CASE SIZES
• IDEAL FOR WIRELESS DATA AND VOICE COMMUNICATIONS APPLICATIONS
WLANs, HIPERLAN, 802.11A, 802.11B, Wi-Fi, BLUETOOTH,TELEMATICS, PCS,
LMDS AND CELLULAR
DIMENISONS (mm)
NMC-M 0603 NPO 100 J 50 TRP F
RoHS Compliant
Tape & Reel (Punched carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Series
PART NUMBER SYSTEM
Multilayer Ceramic Chip Capacitors
P
P
L
W
T
100% Sn over Ni barrier
SPECIFICATIONS
NPO
Capacitance Range
0.1pF ~ 22pF
Capacitance Tolerance
±0.1pF(B), ±0.25pF(C), ±0.5pF(D)
±1%(F), ±2%(G), ±5% (J)
Operating Temperature Range
-55°C ~ +125°C
Temperature Characteristics
0 ± 30PPM/°C
Rated Voltage
25Vdc, 50Vdc
Dissipation Factor
0.001 max. (1MHz, +25°C)
insulation Resistance
10,000 Megohms min. @ +25°C
Dielectric Withstanding Voltage
125Vdc for 5 ± 1 seconds
EIA Case Size
0201
0402
0603
Length (L)
0.6 ± 0.03
1.0 ±0.05
1.6 ±0.15
Width (W)
0.3 ± 0.03
0.5 ± 0.05
0.8 ± 0.15
Thickness (T)
0.33 max.
0.6 max.
1.0 max.
Termination Width (P)
0.10 ~ 0.20
0.10 ~ 0.30
0.25 ~ 0.60
*See Part Number System for Details
SP t N
b
S t
f
D t il
RoHS
Compliant
Includes all homogeneous materials


Similar Part No. - NMC-M0603NPO2R4-50TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-M0402NPO0R1A25TRPF NIC-NMC-M0402NPO0R1A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R2A25TRPF NIC-NMC-M0402NPO0R2A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R3A25TRPF NIC-NMC-M0402NPO0R3A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R4A25TRPF NIC-NMC-M0402NPO0R4A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-M0402NPO0R5A25TRPF NIC-NMC-M0402NPO0R5A25TRPF Datasheet
192Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-M0603NPO2R4-50TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com