Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS25PR50MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS25PR50MTRF
Description  NPIS Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS25PR50MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS25PR50MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS25PR50MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS25PR50MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS25PR50MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
126
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__P Series
NPIS Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 14 (11.8 X 10.5 X 4.2mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequecy
NPIS14PR36MTRF
0.36
1.4
28
40
100KHz
NPIS14PR47MTRF
0.47
1.6
26
38
NPIS14PR56MTRF
0.56
1.9
25
36
NPIS14PR68MTRF
0.68
2.4
23
32
NPIS14PR75MTRF
0.75
2.2
22
31
NPIS14PR82MTRF
0.82
2.6
21.5
30
NPIS14P1R0MTRF
1.0
3.5
20
28
NPIS14P1R5MTRF
1.5
7.5
12
20
NPIS14P2R2MTRF
2.2
8.6
11.5
16.5
NPIS14P3R3MTRF
3.3
10
10
14
NPIS14P4R7MTRF
4.7
13.5
8
13
NPIS14P5R6MTRF
5.6
16
7
12
NPIS14P6R8MTRF
6.8
20
6.5
11
NPIS14P8R2MTRF
8.2
32.5
5
8
Part Number
STANDARD VALUES - CASE SIZE 23 (13.9 X 13.5 X 3.8mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequecy
NPIS23PR10MTRF
0.1
0.96
43
56
100KHz
NPIS23PR15MTRF
0.15
1.2
41
52
NPIS23PR22MTRF
0.22
1.3
38.5
52
NPIS23PR33MTRF
0.33
1.5
37
50
NPIS23PR47MTRF
0.47
2
32
44
NPIS23PR60MTRF
0.60
2.5
30
42
NPIS23PR68MTRF
0.68
2.5
30
40
NPIS23PR82MTRF
0.82
3
25
38
NPIS23P1R0MTRF
1.0
3.5
24
36
NPIS23P1R5MTRF
1.5
5.5
20
28
NPIS23P1R8MTRF
1.8
7
17
24
NPIS23P2R2MTRF
2.2
8
16
20
NPIS23P3R3MTRF
3.3
12
14
18
NPIS23P4R7MTRF
4.7
15
12
16
NPIS23P5R6MTRF
5.6
18
10
14
NPIS23P6R8MTRF
6.8
20
913
NPIS23P8R2MTRF
8.2
28
8.5
12
Part Number
STANDARD VALUES - CASE SIZE 25 (13.9 X 13.5 X 5.2mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequecy
NPIS25PR36MTRF
0.36
1.1
41
75
100KHz
NPIS25PR47MTRF
0.47
1.3
38
65
NPIS25PR50MTRF
0.50
1.5
36
55
NPIS25PR56MTRF
0.56
1.5
36
55
NPIS25PR68MTRF
0.68
1.7
34
54
NPIS25P1R0MTRF
1.0
2.5
29
50
NPIS25P1R5MTRF
1.5
4.1
23
48
NPIS25P2R2MTRF
2.2
5.5
20
32
NPIS25P4R7MTRF
4.7
15
12
27
NPIS25P8R2MTRF
8.2
28
8.5
12
NPIS25P100MTRF
10
34
7.0
9.5
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.


Similar Part No. - NPIS25PR50MTRF

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPIS25 NAINA-NPIS25 Datasheet
172Kb / 2P
   Improved glass passivation for high reliability
logo
NIC-Components Corp.
NPIS25H NIC-NPIS25H Datasheet
397Kb / 12P
   NPIS Shielded Power Inductors
NPIS25H151MTRF NIC-NPIS25H151MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
NPIS25H181MTRF NIC-NPIS25H181MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
NPIS25H221MTRF NIC-NPIS25H221MTRF Datasheet
449Kb / 12P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS25PR50MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com