Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-6W01WC-60 Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AL-6W01WC-60
Description  All dimensions are in millimeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-6W01WC-60 Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-6W01WC-60 Datasheet HTML 1Page - A-BRIGHT Inc AL-6W01WC-60 Datasheet HTML 2Page - A-BRIGHT Inc AL-6W01WC-60 Datasheet HTML 3Page - A-BRIGHT Inc AL-6W01WC-60 Datasheet HTML 4Page - A-BRIGHT Inc AL-6W01WC-60 Datasheet HTML 5Page - A-BRIGHT Inc AL-6W01WC-60 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-6W01WC-60
Spec No.
Page
4 of 6
2009/9/11
NO
ITEM
Test Conditions
Test hours/cycle
Sample
Q’ty
Ac/Re
1
Solder Heat
Temp:260℃±5℃
5 sec
30 pcs
0/1
-40
30
min
-25
5
min
-105
30
min
2
Temperature Cycle
-25
5
min
100 cycles
30 pcs
0/1
-40℃
5min
3
Thermal Shock
-105℃ 5min
20 cycles
30 pcs
0/1
4
High Temperature Storage
Temp:85℃
1000 hrs
30 pcs
0/1
5
Low Temperature Storage
Temp:-35℃
1000 hrs
30 pcs
0/1
6
DC Operating Life
IF=350mA
1000 hrs
30 pcs
0/1
7
High Temperature/
High Humidity
Ta=60℃
R.H 90%
1000 hrs
30 pcs
0/1
Reliability test items and conditions :


Similar Part No. - AL-6W01WC-60

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-6W01WC-60 A-BRIGHT-AL-6W01WC-60_15 Datasheet
248Kb / 6P
   All dimensions are in millimeters
2009/9/11
More results

Similar Description - AL-6W01WC-60

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
AL-6UG1WC-120 A-BRIGHT-AL-6UG1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
   All dimensions are in millimeters
logo
COSMO Electronics Corp...
PS201LL-2 COSMO-PS201LL-2 Datasheet
69Kb / 2P
   All dimensions are in millimeters.
logo
A-BRIGHT Inc
AL-6A01WC-120 A-BRIGHT-AL-6A01WC-120 Datasheet
231Kb / 6P
   All dimensions are in millimeters
2009/9/11
logo
Projects Unlimited, Inc...
SMT-0824-TW-5V-R PUI-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com