Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-28-5023 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-28-5023
Description  KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-28-5023 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-28-5023 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-5023 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Old Part Number
42375-0352
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42375-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-28-5023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-5023 MOLEX2-22-28-5023 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
More results

Similar Description - 22-28-5023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-5043 MOLEX11-22-28-5043 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 4 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5063 MOLEX11-22-28-5063 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 6 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5053 MOLEX11-22-28-5053 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 5 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5093 MOLEX11-22-28-5093 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 9 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5033 MOLEX11-22-28-5033 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 3 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5073 MOLEX11-22-28-5073 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 7 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5083 MOLEX11-22-28-5083 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 8 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5026 MOLEX11-22-28-5026 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm , with Kinked PC Tails
22-28-5024 MOLEX11-22-28-5024 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm , with Kinked PC Tails
22-28-5025 MOLEX11-22-28-5025 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 7.49mm , with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com