Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM73BR10MTRF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIM73BR10MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM73BR10MTRF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIM73BR10MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 11Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 12Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 13Page - NIC-Components Corp. NPIM73BR10MTRF Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 135B (see size table below)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM135BR36MTRF
0.36
0.85
42
50
100KHz
NPIM135BR50MTRF
0.50
1.15
38
48
NPIM135BR68MTRF
0.68
1.55
33
46
NPIM135BR82MTRF
0.82
1.67
30
39
NPIM135B1R0MTRF
1.0
2.2
26
35
NPIM135B1R5MTRF
1.5
3.2
23
33
NPIM135B1R8MTRF
1.8
3.2
23
27
NPIM135B2R2MTRF
2.2
5.0
15
24
NPIM135B3R3MTRF
3.3
7.0
14
22
NPIM135B100MTRF
10
22
9.0
12
NPIM135B220MTRF
22
58
4.5
6.5
NPIM135B270MTRF
27
66
4.0
6.3
NPIM135B330MTRF
33
84
3.5
6.0
NPIM135B470MTRF
47
130
3.0
5.0
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM135B
0.36 ~ 1R8
13.45 ± 0.35
12.6 ± 0.2
4.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1
4.0 ±0.5
6.0 ± 0.2
0 ~ 0.15
8.0
14.5
5.0
2R2 ~ 47
13.45 ± 0.35
12.6 ± 0.2
4.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1
3.0 ±0.5
6.0 ± 0.2
0 ~ 0.15
8.0
14.5
5.0
NPIM133B CASE AND LAND PATTERN DIMENSIONS
C
t
Contact NIC for
NPIM135B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.


Similar Part No. - NPIM73BR10MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM73BR10MTRF NIC-NPIM73BR10MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM73BR10MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com